Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1049 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN1049
Description  LVDS Dual-Line Driver with Dual-Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN1049 Datasheet HTML 4Page - Fairchild Semiconductor FIN1049 Datasheet HTML 5Page - Fairchild Semiconductor FIN1049 Datasheet HTML 6Page - Fairchild Semiconductor FIN1049 Datasheet HTML 7Page - Fairchild Semiconductor FIN1049 Datasheet HTML 8Page - Fairchild Semiconductor FIN1049 Datasheet HTML 9Page - Fairchild Semiconductor FIN1049 Datasheet HTML 10Page - Fairchild Semiconductor FIN1049 Datasheet HTML 11Page - Fairchild Semiconductor FIN1049 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1049 • Rev. 1.0.3
10
Required Specifications and Test Diagrams (Continued)
Figure 11.LVTTL Output Enable / Disable Test Circuit
Notes:
19. A: ZO=50  and CT=15 pF distributed.
20. RL=100 , R1=1000 , and RS=950 
Figure 12.LVTTL Output Enable / Disable Timing Waveforms


Similar Part No. - FIN1049

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1049MTC FAIRCHILD-FIN1049MTC Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Similar Description - FIN1049

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com