Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL230BRD-TR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSL230BRD-TR
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL230BRD-TR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSL230BRD-TR Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL230BRD-TR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054P − OCTOBER 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 5
OUTPUT FREQUENCY
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
2.5
3
3.5
4
4.5
5
0.980
0.985
0.990
0.995
1.000
1.005
1.010
5.5
TA = 25°C
fO = 100 kHz
Figure 6
NORMALIZED OUTPUT FREQUENCY
vs.
ANGULAR DISPLACEMENT
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1
−90
−60
−30
0
30
60
90
Angular Displacement is
Equal for Both Aspects


Similar Part No. - TSL230BRD-TR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL230BRD TAOS-TSL230BRD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230BRD AMSCO-TSL230BRD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results

Similar Description - TSL230BRD-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R-LF TAOS-TSL230R-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
Texas Instruments
TSL230 TI-TSL230 Datasheet
97Kb / 7P
[Old version datasheet]   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
   PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com