Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT-500-14 Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT-500-14
Description  Supreme Chemical Resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-500-14 Datasheet(HTML) 1 Page - Alpha Wire

  FIT-500-14 Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Preferred Heat Shrink Products
TEMPERATURE/CHEMICAL RESISTANT TFE TEFLON*
FIT®-500
®
Preferred
Heat Shrink
Products
CHARACTERISTICS
OPERATING TEMPERATURE:
I –67°C to 250°C
SHRINKAGE RATIO:
I Approximately 1.5 to 1 at 327°C
COLOR DESCRIPTION:
I All Standard Packages: Natural
PHYSICAL PROPERTIES:
I Tensile Strength: 2500 psi, (176 kg/cm2)
I Ultimate Elongation: 200%
I Longitudinal Shrinkage: –20%
I Specific Gravity: 2.20
I Flammability: Self-Extinguishing
CHEMICAL PROPERTIES:
I Corrosive Effect: Non-Corrosive
I Fungus Resistance: No Growth
I Water Absorption: 0.01%
I Chemical Resistance: All Chemicals at
Room Temperature
ELECTRICAL PROPERTIES:
I Dielectric Strength: 800V/mil (315 kV/cm)
I Volume Resistivity: 1018 ohm-cm
CHOOSE FIT®-500 FOR:
I Supreme Chemical Resistance
I Most Extreme Temperature Range of –67°C to 250°C
I Highest Tensile Strength
I Unmatched Dielectric Properties
I Extremely Thin Wall Thickness
I Low Friction Coefficient
FIT®
-500
APPLICATIONS:
I Fiber Optic Applications
I TFE Teflon* Cable Applications
I Limited Space Applications
I Digital Electronics (Signal Sensitive
Equipment)
I Extremely Caustic Environments
SPECIFICATIONS
I MIL-DTL-23053/12C, Class 3
I RoHS Compliant
F
FI
IT
T
-500-30
0.034
0,86
0.015
0,38
0.009
0,23
100
F
FI
IT
T
-500-28
0.038
0,97
0.018
0,46
0.009
0,23
100
F
FI
IT
T
-500-26
0.046
1,17
0.022
0,56
0.009
0,23
100
F
FI
IT
T
-500-24
0.050
1,27
0.027
0,69
0.010
0,25
100
F
FI
IT
T
-500-22
0.055
1,40
0.032
0,81
0.010
0,25
100
F
FI
IT
T
-500-20
0.060
1,52
0.039
0,99
0.012
0,30
100
F
FI
IT
T
-500-18
0.076
1,93
0.049
1,24
0.012
0,30
100
F
FI
IT
T
-500-16
0.093
2,36
0.061
1,55
0.012
0,30
100
F
FI
IT
T
-500-14
0.120
3,05
0.072
1,83
0.012
0,30
100
F
FI
IT
T
-500-12
0.150
3,81
0.089
2,26
0.012
0,30
50
F
FI
IT
T
-500-10
0.191
4,85
0.112
2,84
0.012
0,30
50
F
FI
IT
T
-500-8
0.240
6,10
0.141
3,58
0.015
0,38
50
F
FI
IT
T
-500-6
0.302
7,67
0.178
4,52
0.015
0,38
20
F
FI
IT
T
-500-4
0.370
9,40
0.224
5,69
0.015
0,38
20
F
FI
IT
T
-500-2
0.430
8,64
0.278
7,06
0.015
0,38
20
F
FI
IT
T
-500-0
0.470
11,90
0.347
8,81
0.015
0,38
20
Alpha
Nom. Rec.
2 Ft.
Part No.
Minimum
Maximum
Wall
Lengths
and Size
Supplied I.D.
Rec. I.D.
Thickness
Standard Pkg.
(AWG)
Inches
mm
Inches
mm
Inches
mm
Total Ftg.
130
MIL-DTL-23053/12C,
CLASS 3
RoHS COMPLIANT
Toll Free: 1-800-52 ALPHA • Telephone: 908-925-8000 • Fax: 908-925-6923
Web Site: www.alphawire.com
Europe/UK Telephone: +44 (0) 1932 772422 • Europe/UK Fax: +44 (0) 1932 772433
Email: info@alphawire.com
*Teflon® is a registered trademark of E.I. DuPont Co.
1.5TO1SHRINKRATIO


Similar Part No. - FIT-500-14

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-500-14 ALPHAWIRE-FIT-500-14 Datasheet
97Kb / 4P
   Customer Specifications
9/14/2022
More results

Similar Description - FIT-500-14

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT0003 LSTD-HT0003 Datasheet
127Kb / 2P
   Chemical Resistance
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
   Chemical agent monitors
Rev: F
logo
List of Unclassifed Man...
VACOSE220 ETC-VACOSE220 Datasheet
1Mb / 2P
   Omega Supreme Plus Electronic Vacuum 230V
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
logo
Integrated Device Techn...
SGAS707 IDT-SGAS707 Datasheet
655Kb / 15P
   Industrial Organic Chemical Sensor
logo
General Cable Technolog...
02601.41.05 GENERAL-02601.41.05 Datasheet
92Kb / 1P
   Super Vu-Tron짰 Supreme Types SJOOW/SOOW
logo
MKS Instruments.
AIRGARDPLUS MKS-AIRGARDPLUS Datasheet
206Kb / 2P
   AMBIENT AIR ANALYZER FOR CONTINUOUS CHEMICAL
logo
Endress+Hauser Group Se...
CPS72E EH-CPS72E Datasheet
838Kb / 12P
   ORP sensor for chemical process applications
2021-01-11
logo
List of Unclassifed Man...
CR543 ETC1-CR543 Datasheet
197Kb / 2P
   Chemical resistant FRP lining system
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com