Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3307-25 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3307-25
Description  TRIPLE PROCESSOR SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3307-25 Datasheet HTML 4Page - Texas Instruments TPS3307-25 Datasheet HTML 5Page - Texas Instruments TPS3307-25 Datasheet HTML 6Page - Texas Instruments TPS3307-25 Datasheet HTML 7Page - Texas Instruments TPS3307-25 Datasheet HTML 8Page - Texas Instruments TPS3307-25 Datasheet HTML 9Page - Texas Instruments TPS3307-25 Datasheet HTML 10Page - Texas Instruments TPS3307-25 Datasheet HTML 11Page - Texas Instruments TPS3307-25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
Typical Characteristics
4
0
−6
−10
−0.5 0 0.5 1
2.5 3 3.5
8
14
18
4
5
6
7
16
12
10
6
2
−2
−4
−8
1.5 2
4.5
5.5
6.5
VDD − Supply Voltage − V
SENSEn = VDD
MR = Open
TA = 25°C
TPS3307−33
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
1.005
60
85
VDD = 2V
MR = Open
1.004
1.001
0.998
0.996
TA − Free-Air Temperature − °C
5
4
2
0
0
100 200 300 400 500 600
7
9
10
700 800 900 1000
8
6
3
1
SENSE − Threshold Overdrive − mV
VDD = 6V
MR = Open
−400
−500
−700
−900
−1−0.5 0
1 1.5
2.5 3
−200
−100
100
3.5 4
5.5
6.5
0
−300
−600
−800
0.5
2
4.5 5
6
VI − Input Voltage at MR − V
VDD = 6V
TA = 25°C
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199C – DECEMBER 1998 – REVISED DECEMBER 2006
NORMALIZED SENSE THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE AT VDD
SUPPLY VOLTAGE
Figure 2.
Figure 3.
INPUT CURRENT
MINIMUM PULSE DURATION AT SENSE
vs
vs
INPUT VOLTAGE AT MR
THRESHOLD OVERDRIVE
Figure 4.
Figure 5.
8
Submit Documentation Feedback


Similar Part No. - TPS3307-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-25 TI-TPS3307-25 Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25D TI-TPS3307-25D Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25D TI1-TPS3307-25D Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI1-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DGN TI-TPS3307-25DGN Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com