Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385822SOT Datasheet(PDF) 4 Page - Ericsson

Part # PBL385822SOT
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385822SOT Datasheet(HTML) 4 Page - Ericsson

  PBL385822SOT Datasheet HTML 1Page - Ericsson PBL385822SOT Datasheet HTML 2Page - Ericsson PBL385822SOT Datasheet HTML 3Page - Ericsson PBL385822SOT Datasheet HTML 4Page - Ericsson PBL385822SOT Datasheet HTML 5Page - Ericsson PBL385822SOT Datasheet HTML 6Page - Ericsson PBL385822SOT Datasheet HTML 7Page - Ericsson PBL385822SOT Datasheet HTML 8Page - Ericsson PBL385822SOT Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PBL 385 82
Pin Descriptions
Refer to figure 5.
DIP
SO 20 SO 16
Name
Function
1
1
1
+L
Output of the transmitter amplifier. Connected to the line through a
polarity guard diode bridge.
2
2
2
TO
Output of the transmitter amplifier. Connected through a resistor of 47 to 100 ohm to -L.
Sets the DC-charateristic of the circuit.The output has a low AC output impedance and
the signal is used to drive a side tone balancing network.
3
3
3
TI
Input of transmit amplifier. Input impedance 17 k
Ω ± 20 %.
4
4
4
+C
The positive power supply terminal for most of the circuitry inside the PBL 385 82
(about 1 mA current consumption). The +C-pin is to be connected to a decoupling
capacitor of 47
µF to 150 µF.
6
6
6
GR
The control input for the gain regulation in the receiver.
55
5
14
16
12
-L
The negative power terminal, connected to the line through a polarity guard diode
16
18
14
bridge.
15
17
13
RI
Input of the receive signal amplifier. Input impedance is 38 kohm
± 20 %.
17
19
15
RE2
The receive signal amplifier outputs. Output impedance is approximately 3 ohm.
18
20
16
RE1
77
7
NA
88
8
NA
99
9
NA
10
10
10
NA
11
11
11
NA
12
12
NA
13
13
NA
14
NA
15
NA
20-pin SO
16-pin SO
18-pin DIP
Figure 5. Pin configuration.
}
}
+L
TO
TI
+C
GR
RI
-L
1
2
3
4
5
6
7
8
16
15
14
13
12
11
9
10
RE 2
RE 1
18
17
-L
NA
NA
NA
NA
NA
NA
NA
-L
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
TO
+L
GR
-L
RE1
NA
NA
TI
+C
RI
-L
NA
NA
NA
9
12
10
11
NA
NA
NA
NA
-L
RE2
1
2
3
4
5
6
7
8
16
14
13
TO
+L
GR
-L
NA
NA
TI
+C
RI
-L
NA
NA
NA
9
12
10
11
-L
RE2
15
RE1


Similar Part No. - PBL385822SOT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL385822SOT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com