Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386112QNT Datasheet(PDF) 3 Page - Ericsson

Part # PBL386112QNT
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386112QNT Datasheet(HTML) 3 Page - Ericsson

  PBL386112QNT Datasheet HTML 1Page - Ericsson PBL386112QNT Datasheet HTML 2Page - Ericsson PBL386112QNT Datasheet HTML 3Page - Ericsson PBL386112QNT Datasheet HTML 4Page - Ericsson PBL386112QNT Datasheet HTML 5Page - Ericsson PBL386112QNT Datasheet HTML 6Page - Ericsson PBL386112QNT Datasheet HTML 7Page - Ericsson PBL386112QNT Datasheet HTML 8Page - Ericsson PBL386112QNT Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PBL 386 11/2
3
Figure 2. Overload level, V
TRO, two-wire
port
1 << R
L, RL= 600 Ω
ωC
R
T = 120 kΩ, RRX = 120 kΩ
Electrical Characteristics
0
°C ≤ T
Amb ≤ +70 °C, VCC = +5V ±5 %, VEE = -5V ± 5%, VBat = -58V to -40V, RLC=18.7kΩ, (IL = 27 mA),
Z
L = 600 Ω, RLD = 50 kΩ,
R
F1, RF2 = 0 Ω, RRef = 15kΩ, CHP = 68nF, CLP=0.33 µF, RT = 120 kΩ, RSG = 24 kΩ, RRX = 120 kΩ, AOV and VBat2 -pin not connected,
unless otherwise specified. Current definition: current is positive if flowing into a pin. Active state includes active normal and active
reverse states unless otherwise specified.
Ref
Parameter
fig
Conditions
Min
Typ
Max
Unit
Two-wire port
Overload level, V
TRO
2
Active state
Off-Hook, I
LDC ≥ 10 mA
1% THD, Note 1
2.5
V
Peak
On-Hook, I
LDC ≤ 5 mA
1.4
V
Peak
Metering I
LDC ≥ 10 mA
Z
LM = 200 Ω, f = 16 kHz
2.3
V
Peak
Input impedance, Z
TR
Note 2
Z
T/200
Longitudinal impedance, Z
LoT, ZLoR
0 < f < 100 Hz
20
35
Ω/wire
Longitudinal current limit, I
LoT, ILoR
active state
12
mA
rms /wire
Longitudinal to metallic balance, B
LM
IEEE standard 455-1985, ZTRX = 736
0.2 kHz < f < 1.0 kHz
53
70
dB
1.0 kHz < f < 3.4 kHz
53
70
dB
Longitudinal to metallic balance, B
LME
3
active state
E
Lo
B
LME = 20 • Log
0.2 kHz
≤ f ≤ 1.0 kHz
53
70
dB
V
TR
1.0 kHz < f < 3.4 kHz
53
70
dB
Longitudinal to four-wire balance, B
LFE
3
active state
E
Lo
B
LFE = 20 • Log
0.2 kHz
≤ f ≤ 1.0 kHz
59
70
dB
V
TX
1.0 kHz < f < 3.4 kHz
59
70
dB
Metallic to longitudinal balance, B
MLE
4
active state
V
TR
B
MLE = 20 • Log
;E
RX = 0
0.2 kHz < f < 3.4 kHz
40
58
dB
V
Lo
Figure 3. Longitudinal to metallic (B
LME)
and Longitudinal to four-wire (B
LFE)
balance
1
<< 150
Ω, R
LR = RLT = RL /2= 300Ω
ωC
R
T = 120 kΩ, RRX = 120 kΩ
PBL 386 11/2
TIPX
RINGX
RSN
VTX
RT
RRX
ERX
RL
VTRO
ILDC
C
PBL 386 11/2
TIPX
RINGX
RSN
VTX
RT
RRX
VTX
RLT
C
VTR
RLR
ELo


Similar Part No. - PBL386112QNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNS ERICSSON-PBL386102QNS Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNT ERICSSON-PBL386102QNT Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL38614-1 ERICSSON-PBL38614-1 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
PBL386141 ERICSSON-PBL386141 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL386112QNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com