Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386112QNS Datasheet(PDF) 9 Page - Ericsson

Part # PBL386112QNS
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386112QNS Datasheet(HTML) 9 Page - Ericsson

Back Button PBL386112QNS Datasheet HTML 5Page - Ericsson PBL386112QNS Datasheet HTML 6Page - Ericsson PBL386112QNS Datasheet HTML 7Page - Ericsson PBL386112QNS Datasheet HTML 8Page - Ericsson PBL386112QNS Datasheet HTML 9Page - Ericsson PBL386112QNS Datasheet HTML 10Page - Ericsson PBL386112QNS Datasheet HTML 11Page - Ericsson PBL386112QNS Datasheet HTML 12Page - Ericsson PBL386112QNS Datasheet HTML 13Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PBL 386 11/2
9
SLIC Operating States
Figure 7. Pin configuration 28 pin SSOP and 28 pin PLCC package, top view.
State
C3
C2
C1
SLIC operating state
Active detector
0
0
0
0
Open circuit
Detector is set high
1
0
0
1
Ringing state
Ring trip detector (active low)
2
0
1
0
Active state
Loop detector (active low)
3
0
1
1
Not applicable
-
4
1
0
0
Not applicable
-
5
1
0
1
Active state
Ground key detector (active high)
6
1
1
0
Active reverse
Loop detector (active low)
7
1
1
1
Active reverse
Ground key detector (active high)
Table 1. SLIC operating states.
* Pins must be left open.
LP
DR
VEE
REF
PLC
HP
NC*
TS
RRLY
VTX
AGND
RSN
5
6
7
8
9
10
11
25
24
23
22
21
20
19
SPR
DT
1
2
3
4
5
6
7
8
9
10
11
26
25
24
23
22
21
20
19
18
17
16
TS
RRLY
HP
RINGX
BGND
TIPX
VBAT
PSG
VCC
RSN
DET
VEE
C1
C2
PLD
PLC
REF
LP
AOV
C3
VBAT2
SPR
12
15
DT
13
DR
14
NC
28
VTX
27
AGND
NC


Similar Part No. - PBL386112QNS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNS ERICSSON-PBL386102QNS Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNT ERICSSON-PBL386102QNT Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL38614-1 ERICSSON-PBL38614-1 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
PBL386141 ERICSSON-PBL386141 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL386112QNS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com