Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL38611-2 Datasheet(PDF) 5 Page - Ericsson

Part # PBL38611-2
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38611-2 Datasheet(HTML) 5 Page - Ericsson

  PBL38611-2 Datasheet HTML 1Page - Ericsson PBL38611-2 Datasheet HTML 2Page - Ericsson PBL38611-2 Datasheet HTML 3Page - Ericsson PBL38611-2 Datasheet HTML 4Page - Ericsson PBL38611-2 Datasheet HTML 5Page - Ericsson PBL38611-2 Datasheet HTML 6Page - Ericsson PBL38611-2 Datasheet HTML 7Page - Ericsson PBL38611-2 Datasheet HTML 8Page - Ericsson PBL38611-2 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PBL 386 11/2
5
Four-wire to two-wire, g
4-2
6
relative to 0 dBm, 1.0 kHz. E
L = 0 V
0.3 kHz < f < 3.4 kHz
-0.15
0.15
dB
f = 8 kHz, 12 kHz,
-1.0
-0.2
0
dB
16 kHz
-1.0
-0.3
0
dB
Four-wire to four-wire, g
4-4
6
relative to 0 dBm, 1.0 kHz. E
L = 0 V
0.3 kHz < f < 3.4 kHz
-0.15
0.15
dB
Insertion loss
Two-wire to four-wire, G
2-4
6
0 dBm, 1.0 kHz, Note 5
V
TX
G
2-4 = 20 • Log
,E
RX = 0
V
TR
-6.22
-6.02
-5.82
dB
Four-wire to two-wire, G
4-2
6
0 dBm, 1.0 kHz, Notes 5, 6
V
TR
G
4-2 = 20 • Log
,E
G = 0
E
RX
-0.2
0.2
dB
Gain tracking
Two-wire to four-wire R
LDC≤ 2kΩ
6
Ref. -10 dBm, 1.0 kHz, Note 7
-40 dBm to +3 dBm
-0.1
0.1
dB
-55 dBm to -40 dBm
-0.2
0.2
dB
Four-wire to two-wire R
LDC≤ 2kΩ
6
Ref. -10 dBm, 1.0 kHz, Note 7
-40 dBm to +3 dBm
-0.1
0.1
dB
-55 dBm to -40 dBm
-0.2
0.2
dB
Noise
Idle channel noise at two-wire
C-message weighting
7
12
dBrnC
(TIPX-RINGX)
Psophometrical weighting
-85
-78
dBmp
Note 8
Harmonic distortion
Two-wire to four-wire
6
0 dBm, 1.0 kHz test signal
-50
dB
Four-wire to two-wire
0.3 kHz < f < 3.4 kHz
-50
dB
Battery feed characteristics
Constant loop current, I
LConst
13
I
LProg =
500
R
LC
18 < I
LProg < 65 mA
0.92 I
LProg ILProg
1.08 I
LProg
mA
Ref
Parameter
fig
Conditions
Min
Typ
Max
Unit
Figure 6.
Frequency response, insertion loss,
gain tracking.
1
<< R
L, RL = 600 Ω
ωC
R
T = 120 kΩ, RRX = 120 kΩ
PBL 386 11/2
TIPX
RINGX
RSN
VTX
RT
RRX
ERX
RL
VTR
ILDC
C
EL
VTX


Similar Part No. - PBL38611-2

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNS ERICSSON-PBL386102QNS Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNT ERICSSON-PBL386102QNT Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL38614-1 ERICSSON-PBL38614-1 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
PBL386141 ERICSSON-PBL386141 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL38611-2

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com