Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385821SOS Datasheet(PDF) 3 Page - Ericsson

Part # PBL385821SOS
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385821SOS Datasheet(HTML) 3 Page - Ericsson

  PBL385821SOS Datasheet HTML 1Page - Ericsson PBL385821SOS Datasheet HTML 2Page - Ericsson PBL385821SOS Datasheet HTML 3Page - Ericsson PBL385821SOS Datasheet HTML 4Page - Ericsson PBL385821SOS Datasheet HTML 5Page - Ericsson PBL385821SOS Datasheet HTML 6Page - Ericsson PBL385821SOS Datasheet HTML 7Page - Ericsson PBL385821SOS Datasheet HTML 8Page - Ericsson PBL385821SOS Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PBL 385 82
Electrical Characteristics
At T
Amb = + 25° C. No cable and no line rectifier unless otherwise specified.
I
L = 100 mA is not valid for 16-pin SO package.
Parameter
Ref.fig.
Conditions
Min
Typ
Max
Unit
Line voltage, V
L
2
I
L = 15 mA
3.3
3.7
4.1
V
2I
L = 100 mA
11
13
15
V
Transmitting gain
20 •10 log (V
2 / V3); 1 kHz
24
25
26
dB
Transmitting frequency
2
200 Hz to 3.4 kHz
-1
1
dB
response
Transmitter dynamic output
2
200 Hz - 3.4 kHz
1.5
V
p
≤ 2% distortion, I
L = 20 - 100 mA
Transmitter maximum output
2
200 Hz - 3.4 kHz
3
V
p
I
L = 0 - 100 mA, V3 = 0 - 1 V
Transmitter output noise
2
Psof-weighting, Rel 1 V
rms, RL = 0
-75
dB
Psof
Transmitter input impedance
2
1 kHz
13.5
17
20.5
kohm
pin 3
Receiving gain
20 • 10 log (V
4 / V1); 1 kHz
Without gain regulation
2
R
L = 0 - xxx ohm, R11= 10k
-18.5
-16.5
-14.5
dB
Receiving gain
20 • 10 log (V
4 / V1); 1 kHz, R11 not used
With gain regulation
2
R
L = 0 ohm,
-18.5
-16.5
-14.5
dB
2R
L = 400 ohm
-16
-14
-12
dB
2R
L = 900 ohm - 2.2 kohm
-13.5
-11.5
-9.5
dB
Receiving range of regulation
2
1 kHz, R
L = 0 to 900 ohm
3
5
7
dB
Receiving frequency response
2
200 Hz to 3.4 kHz
-1
1
dB
Receiver output impedance
2
1 kHz, without 310
Ω resistor
3
ohm
Receiver dynamic output
2
200 Hz - 3.4 kH
0.5
V
p
note 1
≤ 2% distortion, I
L = 20 - 100 mA
Receiver maximum output
3
Measured with line rectifier
0.9
V
p
200 Hz - 3.4 kHz,
I
L = 0 - 100 mA, V1= 0 - 50 V
Receiver output noise
2
A-weighting, Rel 1V
rms, with cable
-85
dB
A
0 - 5 km, Ø = 0.5 mm,
0 - 3 km, Ø = 0.3 mm
Notes:
1. The dynamic output can be nearly doubled if the 310
Ω series resistor is omitted.


Similar Part No. - PBL385821SOS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL385821SOS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com