Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL38610-2 Datasheet(PDF) 8 Page - Ericsson

Part # PBL38610-2
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38610-2 Datasheet(HTML) 8 Page - Ericsson

Back Button PBL38610-2 Datasheet HTML 4Page - Ericsson PBL38610-2 Datasheet HTML 5Page - Ericsson PBL38610-2 Datasheet HTML 6Page - Ericsson PBL38610-2 Datasheet HTML 7Page - Ericsson PBL38610-2 Datasheet HTML 8Page - Ericsson PBL38610-2 Datasheet HTML 9Page - Ericsson PBL38610-2 Datasheet HTML 10Page - Ericsson PBL38610-2 Datasheet HTML 11Page - Ericsson PBL38610-2 Datasheet HTML 12Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PBL 386 10/2
8
Pin Description
Refer to figure 7.
PLCC
Symbol
Description
1
VBAT
Battery supply voltage. Negative with respect to BGND.
2
VBAT2
An optional second battery voltage, connected in series with a diode, or an external powerhandling
resistor connects to this pin.
3
AOV
Adaptive Overhead Voltage. If the pin is left open then the overhead voltage is set internally to 2.5 V
Peak
in off-hook and 1.4 V
Peak in on-hook. The overhead voltage will adapt to signals > 2.5 VPeak. If pin is
connected to AGND then no internal overhead voltage is set. The overhead voltage adapts to
0.6 V
Peak < signals < 5 VPeak.
4
PSG
Programmable Saturation Guard. The resistive part of the DC feed characteristic is programmed by a
resistor connected from this pin to VBAT.
5
LP
Low Pass saturation guard filter capacitor connected here to filter out noise and improve PSRR. Other
end of C
LP connects to VBAT.
6
DT
Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic level
low, indicating off-hook condition. The ring trip network connects to this input.
7
DR
Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic
level low, indicating off-hook condition. The ring trip network connects to this input.
8
VEE
-5V to VBAT power supply.
9
REF
A 15kohm resistor should be connected between this pin and AGND.
10
NU
Not Used. Must be left open.
11
PLC
Prog. Line Current, the constant current part of the DC feed characteristic is programmed by a resistor
connected from this pin to AGND.
12
PLD
Programmable Loop Detector threshold. The loop detection threshold is programmed by a resistor
connected from this pin to AGND.
13
VCC
+5 V power supply.
14
C3
C1, C2 and C3 are digital inputs Controlling the SLIC operating states. Refer to section
15
C2
Operating states for details.
16
C1
17
NC
No Connect. Must be left open.
18
DET
Detector output. Active low when indicating loop or ring trip detection, active high when indicating ground
key detection
19
RSN
Receive Summing Node. 400 times the current flowing into this pin equals the metallic (transversal)
current flowing from TIPX to RINGX. Programming networks for two-wire impedance and receive gain
connect to the receive summing node.
20
AGND
Analog Ground, should be tied together with BGND.
21
VTX
Transmit vf output. The ac voltage difference between TIPX and RINGX, the ac metallic voltage, is
reproduced as an unbalanced GND referenced signal at VTX with a gain of -0.5. The two-wire
impedance programming network connects between VTX and RSN.
22
RRLY
Ring Relay driver output.
23
TS
Tip Sense should be connected to TIPX.
24
NC
No Connect. Must be left open.
25
HP
High Pass connection for ac/dc separation capacitor C
HP. Other end of CHP connects to RINGX (pin 26).
26
RINGX
The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage
protection components and ring relay (and optional test relay).
27
BGND
Battery Ground, should be tied together with AGND.
28
TIPX
The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage
protection components and ring relay (and optional test relay).
}


Similar Part No. - PBL38610-2

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38611-2 ERICSSON-PBL38611-2 Datasheet
145Kb / 18P
   Subscriber Line Interface Circuit
PBL386112QNS ERICSSON-PBL386112QNS Datasheet
145Kb / 18P
   Subscriber Line Interface Circuit
PBL386112QNT ERICSSON-PBL386112QNT Datasheet
145Kb / 18P
   Subscriber Line Interface Circuit
PBL386112SHS ERICSSON-PBL386112SHS Datasheet
145Kb / 18P
   Subscriber Line Interface Circuit
PBL386112SHT ERICSSON-PBL386112SHT Datasheet
145Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL38610-2

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com