Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7612UB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7612UB
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7612UB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7612UB Datasheet HTML 5Page - Texas Instruments DAC7612UB Datasheet HTML 6Page - Texas Instruments DAC7612UB Datasheet HTML 7Page - Texas Instruments DAC7612UB Datasheet HTML 8Page - Texas Instruments DAC7612UB Datasheet HTML 9Page - Texas Instruments DAC7612UB Datasheet HTML 10Page - Texas Instruments DAC7612UB Datasheet HTML 11Page - Texas Instruments DAC7612UB Datasheet HTML 12Page - Texas Instruments DAC7612UB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
®
DAC7612
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC A at +85
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC B at +85
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC A at +25
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC B at +25
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC A at –40
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs DIGITAL CODE
(DAC B at –40
°C)
Code
0
512
1024
1536
2048
2560
3072
3584
4096


Similar Part No. - DAC7612UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7612UB BURR-BROWN-DAC7612UB Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612UB TI1-DAC7612UB Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB/2K5 TI1-DAC7612UB/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB/2K5G4 TI1-DAC7612UB/2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB2K5 TI1-DAC7612UB2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com