Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385411SO-T Datasheet(PDF) 11 Page - Ericsson

Part # PBL385411SO-T
Description  Universal Speech Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385411SO-T Datasheet(HTML) 11 Page - Ericsson

Back Button PBL385411SO-T Datasheet HTML 6Page - Ericsson PBL385411SO-T Datasheet HTML 7Page - Ericsson PBL385411SO-T Datasheet HTML 8Page - Ericsson PBL385411SO-T Datasheet HTML 9Page - Ericsson PBL385411SO-T Datasheet HTML 10Page - Ericsson PBL385411SO-T Datasheet HTML 11Page - Ericsson PBL385411SO-T Datasheet HTML 12Page - Ericsson PBL385411SO-T Datasheet HTML 13Page - Ericsson PBL385411SO-T Datasheet HTML 14Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PBL 385 41
Power supplies DC1, DC2,
V+C and VPA
(See fig.18)
PBL 38541 generates its own DC
supply V+C dependent of line current with
an internal shunt regulator. This regulator
senses the line voltage VL via R3 and line
current via R6 in order to set the correct
V+C so the circuit can generate the required
DC characteristic for a given line resistance
RLine and the line feeding data of the
exchange. A decoupling capacitor is
needed between pins +C and -L. The V+C
supply changes its voltage linearly with the
line current. It can be used to feed an
electret microphone. Caution must be ta-
ken though not to drain too much current
out of this output because it will affect the
+
RFeed
RLine
IL
1
Hook switch
ƒ
Lim
+
V
Tx
+
-
3
2
4
+Line
+
+
-Line
C1
R3
R6
VMon.
+ 4.7-47
µF
0-470
1-10M
VDC2
Ref.
1.2V
VDC1
+ 4.7-47
µF
VPA
+
a.
b.
VL
Vexh.
a. Supply arrangement for a handsfree system power amplifier. For ex. PBL 388 13
b. Supply arrangement for a call monitor cicuit.
V+C
+
-
15k
15k
8
9
7
14
6V
6V
PBL 385 41
R17
3.7V
internal quick start circuit by locking itself
into active state. (max. permissible current
drain 700
µA)
Care has to be taken when deci-
ding the resistance value of R3. All
resistances that are applied from +Line to
ground (-Line) will be in parallel, forming
the real impedance towards the line. This
will sometimes result in, that the ohmic
value of R3 is increased in order to comply
to the impedance specification towards
the line. The speech circuit sinks
≈ 1mA
into pin 4, which means that the working
voltage for the speech function V+ will
decrease with increasing R3, thus starving
in the end the circuit of its working voltage
. This dependency is often falsely taken as
a sign of that the circuit does not work
down to the low line current specified, but
in fact it is the working voltage at pin 4 that
has become too low. It is obvious that this
problem is also connected into what kind
of DC-characteristic is set. See fig. 8.
The circuit has further two tempera-
ture and line current compensated DC
supplies DC1 and DC2. DC2 is a voltage
supply for supplying diallers, can be used
for memory back up because it does not
leak any current back into the circuit. Typical
voltage 2.4V down to line voltage of 4.1V,
in case the line voltage is lower than 4.1V
calculate ; actual line voltage minus 1.9V.
In order to prevent noise entering the line,
a series resistor and a reservoir capaciotor
is recommended in for this output.The
output current is given to be 2 mA in the
specification.
DC1 is a 3.7 V (typ.) supply whose,
for the design required maximum output
current can be set at the control input pin
7. The set current will flow constant
(necessary to keep the line current cons-
tant) used or not used by a function, so
care has to be taken when setting the
current limit so it won´t be unnecessary
high. The maximum current that can be set
and drawn by maintaining the voltage level
is 2.0 mA (up to 6 mA can be set if the line
current so allows). This supply is ment to
be used to supply microphones, Ericsson´s
handsfree IC’s switching parts (see
applications), opto couplers etc. and in
payphones its auxiliary functions.
The fourth DC-supply VPA has an
advantage that it does not influence the
circuits DC characteristics even at high
current drain. The supply has a floating
ground reference in the +line in order to
minimize RFI problems and is used to
supply the power amplifier of a handsfree
telephone ( PBL3881, 38813 ).
These
circuits have a current controlled charging
of the supply capacitor and the control
signal is taken across the resistor R6. In
case a monitor amplifier is required where
the ground reference is hardly necessary,
it can be supplied from VPA or like in alt. b
in fig. 18.
Figure 18. DC - supply system for external loads.
DTMF input.
The circuit provides a specific input at pin
10 for DTMF dialling signals. The output of
the amplifier is controlled by the mute
signal provided by the dialler. This input
makes it easy to time the DTMF signals
entering the line. Most of the diallers wake
up at pressing of a key and the output will
not
be stable imidiately. This unstable
state will be of some length and is limited
in some telephone specifications.


Similar Part No. - PBL385411SO-T

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL385411SO-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com