Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385701N Datasheet(PDF) 2 Page - Ericsson

Part # PBL385701N
Description  Universal Speech Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385701N Datasheet(HTML) 2 Page - Ericsson

  PBL385701N Datasheet HTML 1Page - Ericsson PBL385701N Datasheet HTML 2Page - Ericsson PBL385701N Datasheet HTML 3Page - Ericsson PBL385701N Datasheet HTML 4Page - Ericsson PBL385701N Datasheet HTML 5Page - Ericsson PBL385701N Datasheet HTML 6Page - Ericsson PBL385701N Datasheet HTML 7Page - Ericsson PBL385701N Datasheet HTML 8Page - Ericsson PBL385701N Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PBL 385 70
2
Figure 2. Test set up without rectifier
bridge.
Figure 3. Test set up with rectifier
bridge.
Figure 4. Circuit with external compon-
ents for test set up.
* Not used in test set up.
18 pin DIP package.
Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Line voltage, t
p = 2 s
V
L
018
V
Line current, continuous DIP
I
L
0
130
mA
Line current, continuous SO package
I
L
0
100
mA
Operating temperature range
T
Amb
-40
+70
°C
Storage temperature range
T
Stg
-55
+125
°C
No input should be set on higher level than pin 4 (+C).
+
= 350
+ LINE
- LINE
ARTIFICIAL
LINE
I L
V
2
V1
V
L
R = 0-4k
L
0 ohm when artificial
line is used
MUTE
PBL 385 70
with external
components
See fig. 4
Z
Mic = 350Ω
Z
Rec
MIC
REC
R
feed = 400Ω+400Ω
600
C
E = 48.5V
V 3
V4
IDC1
C = 1
µF when artificial line is used
470
µF when no artificial line
VM
DC2
I
V
DC1
V
DC2
5H+5H
+
I
M
+
+ LINE
- LINE
I L
V
2
V1
V
L
R = 0 - 4k
L
MUTE
PBL 385 70
with external
components
See fig. 4
Z
Mic
Z
Rec
MIC
REC
R
feed = 400Ω+400Ω
600
+
E = 50.0V
V 3
V4
1
µF
V
M
Uz= 15-16V
5H+5H
IDC1
DC2
I
V
DC1
VDC2
= 350
= 350
I
M
17
14
2
3
11
12
13
18
16
AM
AT
5
AR
15
4
+
10
AD
1
PBL 385 70
7
9
Sense input
DTMF
input
+
6
Gain
regulation
Mic.
350
8
DC-supply
+
Mute
(active low)
DC-output for
external devices
2.7k
47
µF
*
*
18k
22k
100n
75
910
560
11k
100n
6.2k
11k
10
62k
47
µF
15n
Rec.
350
310
220n
-Line
+Line
910
47n
C1
C2
C3
C5
C6
C7
R1
R2
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R3
R14
R16
C9


Similar Part No. - PBL385701N

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
PBL385711NS ERICSSON-PBL385711NS Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
PBL385711SOS ERICSSON-PBL385711SOS Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
PBL38573 ERICSSON-PBL38573 Datasheet
324Kb / 15P
   Speech Circuit for constant current feeding systems
PBL385731NS ERICSSON-PBL385731NS Datasheet
324Kb / 15P
   Speech Circuit for constant current feeding systems
More results

Similar Description - PBL385701N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com