Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385411SO Datasheet(PDF) 4 Page - Ericsson

Part # PBL385411SO
Description  Universal Speech Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385411SO Datasheet(HTML) 4 Page - Ericsson

  PBL385411SO Datasheet HTML 1Page - Ericsson PBL385411SO Datasheet HTML 2Page - Ericsson PBL385411SO Datasheet HTML 3Page - Ericsson PBL385411SO Datasheet HTML 4Page - Ericsson PBL385411SO Datasheet HTML 5Page - Ericsson PBL385411SO Datasheet HTML 6Page - Ericsson PBL385411SO Datasheet HTML 7Page - Ericsson PBL385411SO Datasheet HTML 8Page - Ericsson PBL385411SO Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
PBL 385 41
Figure 5. Pin configuration.
18-pin DIP
20-pin SO
Pin Descriptions
Refer to figure 5.
DIP
SO
Name
Function
1
1
+L
Output of the DC-regulator and transmitter amplifier, connected to the line through a polarity
guard diode bridge.
2
2
TO
Output of the transmitter amplifier, connected through a resistor of 47 to 100 ohm to -L,
sets the DC-resistance of the circuit. The output has a low AC output impedance and the
signal is used to drive a side tone balancing network.
3
3
TI
Input of the transmitter amplifier. Input impedance 17 kohm
± 20 %.
4
4
+C
Positive power supply terminal for most of the circuitry inside the PBL 385 41 (about 1 mA current
consumption). The +C pin must be connected to a decoupling capacitor of 47
µF to 150 µF.
5
5
Mute
When low, speech circuit is muted and the DTMF input is enabled. Maximum voltage (at mute) is
0.3 V, current sink requirement of external driver is 50
µA.
6
6
GR
Control input for the gain regulation function.
7
7
DCS 1
Control input to the DC1-supply. A resistor to -line sets the maximum current load of the supply.
8
8
DCO 2
Output of the DC2-supply.
9
9
DCO 1
Output of the DC1-supply.
10
12
DI
Input for the DTMF-signal. Input impedance 25 kohm
± 20 %.
11
13
MO
Output of the microphone amplifier or DTMF-amplifier.
12
14
MI 1
Inputs to the microphone amplifier. Input impedance 1.7 kohm
± 20 %.
13
15
MI 2
14
16
-L
The negative power terminal, connected to the line through a polarity guard diode bridge.
15
17
RI
Input of receiver amplifier. Input impedance 38 kohm
± 20 %.
16
18
DR
Control input for the receiver amplifier driving capability.
17
19
RE 1
Receiver amplifier outputs. Output impedance is approximately 3 ohm.
18
20
RE 2
10
Not connected
11
Not connected
+L
TO
TI
+C
Mute
GR
DCS1
DCO2
DR
RI
-L
MI 2
MI 1
MO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
DCO1
DI
9
10
RE 2
RE 1
18
17
1
2
3
4
5
6
7
8
19
18
17
16
15
14
13
+L
TO
TI
+C
Mute
GR
DCS1
DCO2
RE 2
RE 1
DR
RI
-L
MI 2
MI 1
MO
9
12
10
11
DCO1
NC
DI
NC
4
5
17
16
20
}
}


Similar Part No. - PBL385411SO

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL385411SO

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com