Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385411N Datasheet(PDF) 3 Page - Ericsson

Part # PBL385411N
Description  Universal Speech Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385411N Datasheet(HTML) 3 Page - Ericsson

  PBL385411N Datasheet HTML 1Page - Ericsson PBL385411N Datasheet HTML 2Page - Ericsson PBL385411N Datasheet HTML 3Page - Ericsson PBL385411N Datasheet HTML 4Page - Ericsson PBL385411N Datasheet HTML 5Page - Ericsson PBL385411N Datasheet HTML 6Page - Ericsson PBL385411N Datasheet HTML 7Page - Ericsson PBL385411N Datasheet HTML 8Page - Ericsson PBL385411N Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PBL 385 41
Electrical Characterisics
At T
Amb = + 25° C. No cable and line rectifier unless otherwise specified.
Ref.
Parameter
fig.
Conditions
Min
Typ
Max
Unit
Line voltage, V
L
2I
L = 15 mA
3.3
3.7
4.1
V
2I
L = 100 mA
11
13
15
V
Transmitting gain, note 1
20 •10 log (V
2 / V3); 1 kHz
2R
L = 0
41
43
45
dB
2R
L = 400 Ω
43.5
45.5
47.5
dB
2R
L = 900 Ω - 2.2 kΩ
46
48
50
dB
Transmitting range of
2
1 kHz, R
L = 0 to
900
3
5
7
dB
regulation
Transmitting frequency
2
200 Hz to 3.4 kHz
-1
1
dB
response
Transmitter input impedance, pin 3
2
1 kHz
13.5
17
20.5
k
Microphone input impedance
2
1.7//(2.7) note 3
k
Transmitter dynamic output
2
200 Hz - 3.4 kHz
1.5
V
p
≤ 2% distortion, I
L = 20 - 100 mA
Transmitter max output
2
200 Hz - 3.4 kHz
3
V
p
I
L = 0 - 100 mA, V3 = 0 - 1 V
Transmitter output noise
2
Psoph-weighting, Rel 1 V
rms, RL = 0
-75
dB
Psoph
Receiving gain, note 1
20 • 10 log (V
4 / V1); 1 kHz
2
R
L = 0 Ω
-18.5
-16.5
-14.5
dB
2
R
L = 400 Ω
-16
-14
-12
dB
2
R
L = 900 Ω - 2.2 kΩ
-13.5
-11.5
-9.5
dB
Receiving range of regulation
2
1 kHz, R
L = 0 to 900 Ω
3
5
7
dB
Receiving frequency response
2
200 Hz to 3.4 kHz
-1
1
dB
Receiver input impedance
2
1 kHz,
38
k
Receiver output impedance
2
1 kHz,
3(+310)note 3
Receiver dynamic output
2
200 Hz - 3.4 kHz
0.5
V
p
note 2
≤ 2% distortion, I
L = 20 - 100 mA
Receiver max output
3
Measured with line rectifier
0.9
V
p
200 Hz - 3.4 kHz, I
L = 0 - 100 mA,
V
1= 0 - 50 V
Receiver output noise
2
A-weighting, Rel 1V
rms, with cable
-85
dB
A
0 - 3 km, Ø = 0.4 mm
0 - 5 km, Ø = 0.5 mm,
Mute input voltage
2
0.3
V
at mute (active low)
DC
1 -supply voltage
2
I
L = 20 - 100 mA
Pin 9
R
17 = 4k; IDC1 =2 mA
3.4
3.7
4.0
V
DC
2-supply voltage
2
I
L = 20 - 100 mA
Pin 8
I
DC = 0 mA
2.1
2.35
2.6
V
I
DC = 2 mA
1.95
2.2
2.6
V
DC-output pin 8 input
4
V
DC = 2.35 V
0.1
µA
leakage current (no supply)
DTMF transmitting gain
2
V
M = 0.3 V, 1 kHz
24.5
26.5
28.5
dB
DTMF input impedance
2
1 kHz
20
25
30
k
Notes
1. Adjustable to both higher and lower values with external components.
2. The dynamic output can be doubled, see applications information.
3. External resistor in the test set up.
4. The DC output voltage is reduced at low line voltage (see page 8).


Similar Part No. - PBL385411N

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL385411N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com