Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL38541 Datasheet(PDF) 5 Page - Ericsson

Part # PBL38541
Description  Universal Speech Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38541 Datasheet(HTML) 5 Page - Ericsson

  PBL38541 Datasheet HTML 1Page - Ericsson PBL38541 Datasheet HTML 2Page - Ericsson PBL38541 Datasheet HTML 3Page - Ericsson PBL38541 Datasheet HTML 4Page - Ericsson PBL38541 Datasheet HTML 5Page - Ericsson PBL38541 Datasheet HTML 6Page - Ericsson PBL38541 Datasheet HTML 7Page - Ericsson PBL38541 Datasheet HTML 8Page - Ericsson PBL38541 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PBL 385 41
1
2
+Line
R3
R6
PBL 385 41
+
3
C1
C2
-Line
Rs
≈1Ω How to connect a
complex network.
220
Ω+820Ω//Cx
Example:
a)
b)
c)
4
Cx
220
820
Figure 7. Block connections.
Figure 6. AC-impedance.
Functional description
Design procedure; ref. to fig.4.
The design is made easier through that all
settable parameters are returned to gro-
und (-line), this feature differs it from bridge
type solutions.To set the parameters in the
following order will result in that the
interaction between the same is minimized.
1. Set the circuit impedance to the line,
either resistive (600
Ω) or complex. (R3
and C1). C1 should be big enough to give
low impedance compared with R3 in the
telephone speech frequency band.Too
large C1 will make the start-up slow. See
fig. 6.
2. Set the DC-characteristic that is
required in the PTT specification or in case
of a system telephone,in the PBX
specification(R6). Observe the power
dissipated.There are also internal circuit
dependent requirements like supply volta-
ges etc.
3. Set the attac point where the line
length regulation is supposed
to cut in
(R1 and R2). Note that in some countries
the line length regulation is not allowed. In
most cases the end result is better and
more readily achieved by using the line
length regulation (line loss compensation)
than without. See fig. 13.
4. Set the transmitter gain and
frequency response.
5. Set the receiver gain and frequency
response. See text how to limit the max.
swing to the earphone.
6. Adjust the side tone balancing
network.
7. Set
the RFI
suppression
components in case necessary. In two
piece telephones the often ”helically”
wound
cord acts as an aerial. The
microphone input with its high gain is
especially sensitive.
8. Circuit protection. Apart from any
other protection devices used in the de-
sign a good practice is to connect a 15V
1W zener diode across the circuit , from
pin 1 to -Line.
Impedance to the line
The AC- impedance to the line is
set by R3, C1 and C2. Fig.6. The circuits
relatively high parallel impedance will not
influence it to any noticeable extent. At low
frequencies the influence of C1 can not be
neglected. Series resistance of C1 that is
dependent on the temperature and the
quality of the component will cause some
of
the line signal to enter pin 4. This
generates a closed loop in the transmitter
amplifier that in it´s turn will create an
active impedance thus lowering the
impedance to the line. The impedance at
high frequencies is set by C2 that also
acts as a RFI suppressor.
In many specifications the
impedance towards the line is specified as
a complex network. See fig. 6. In case a).
the error signal entering pin 4 is set by the
ratio
≈Rs/R3 (910Ω), where in case b). the
ratio at high frequencies will be Rs/220
because the 820
Ω resistor is bypassed by
a capacitor. To help up this situation the
complex network capacitor is connected
directly to ground, case c). making the ratio
Rs/220
Ω+820Ω and thus lessening the
error signal. Conclusion: Connect like in
case c) when complex impedance is
specified.
DC - characteristic
The DC - characteristic that a
telephone set has to fulfill is mainly given
by the network administrator. Following
parameters are useful to know when the
DC behaviour of the telephone is to be set:
The voltage of the feeding system
The line feeding resistance 2 x.......
ohms.
The maximum current from the line at
zero line length.
The min. current at which the
telephone has to work (basic
function).
The lowest and highest voltage
permissible across the telephone set.
The highest voltage that the telephone
may have at different line currents.
Normally set by the network owners
specification.The lowest voltage for the
telephone is normally set by the volta-
ges that are needed for the different
parts of the telephone to function. For
ex. for transmitter output
amplifier,
receiver
output amplifier, dialler,
speech switching and
loudspeaker
amplifier in a handsfree telephone etc.
+
1
AM
AT
AR
2
Transmitter summing
input
Mute
+ Line
- Line
3
4


Similar Part No. - PBL38541

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL38541

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com