Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL3853 Datasheet(PDF) 6 Page - Ericsson

Part # PBL3853
Description  Universal Speech Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3853 Datasheet(HTML) 6 Page - Ericsson

Back Button PBL3853 Datasheet HTML 2Page - Ericsson PBL3853 Datasheet HTML 3Page - Ericsson PBL3853 Datasheet HTML 4Page - Ericsson PBL3853 Datasheet HTML 5Page - Ericsson PBL3853 Datasheet HTML 6Page - Ericsson PBL3853 Datasheet HTML 7Page - Ericsson PBL3853 Datasheet HTML 8Page - Ericsson PBL3853 Datasheet HTML 9Page - Ericsson PBL3853 Datasheet HTML 10Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PBL 3853
6
Functional Description
Design Procedure
The first decision to make is, how much
current is needed at what VDC and how
much line current is available at longest
line length.
1. Set the circuit impedance to the line,
either active or passive. C
3 should be
big enough to give low impedance
compared with R1 in the telephone
speech frequency band. Too large C
3
will make the ”start up” slow.
2. Set the DC-characteristic that is
required in the PTT specification, or in
case of a system telephone design, in
the PABX specification (R5).
3. If the line length regulation (line loss
compensation) is used, set the attac
point where it should start (RC and
RD). Using the line length regulation
makes it in most cases easier to
achieve the gain/line length mask in
both transmitter and receive function.
Note, that in some countries the line
length regulation is not allowed.
4. Set the transmitter gain and
frequency response. See text for the
clipping feature.
5. Set the receiver gain and frequency
response.
6. Adjust the side tone balancing
network.
7. Apply the RFI suppression
components in case necessary. In two
piece telephones the often ”helically”
wound cord acts as an aerial where
especially the microphone input with
its high gain and input impedance is
the more sensitive.
Figure 6. AC-impedance, to the line.
Figure 7. Adjusting voltage level across
the circuits.
PBL 3853
4
I=0.3mA
Circuit supply
VF
+Line
R1
C3
R1
The voltage across the circuit can be increased
by method shown above without influencing the
impedance towards the line.
C2
Impedance to the Line
The AC-impedance to the line is set by
R1 (+ R2 if active impedance is used)
and C
2. See figure 4. The circuits
relatively high parallel impedance will
influence it to some extent. At low
frequencies the influence of the C
3 can
not be neglected. Series resistance of
the C
3 that is dependent on temperature
and quality will cause that some of the
line signal will enter pin 4 and generate a
closed loop in the transmitter amplifier
that will create an active impedance thus
lowering the impedance to the line. The
impedance at high frequencies is set by
C
2 that also acts as a RFI supressor.
In many specifications the R1 is
specified as a complex network. See
figure 6 b) in the example. In case a) the
error signal entering pin 4 is set by the
ratio
≈ RS/R1 (909 Ω Swedish spec.),
where in case b) the ratio at high
frequency will be RS/220 because the
820
Ω resistor is bypassed by a
capacitor. To help up this situation the
complex network capacitor is connected
directly to ground, case c) making the
ratio RS/(220+820) and thus lessening
the influence of the error signal. To save
current the circuit can be implemented
to have an active impedance to the line,
the level is set by resistors R1 and R2.
When an active impedance is used the
transmitter (see figure 16) amplifier does
not feel its own active output-impedance
thus using less current to create output
swing to the line. Case c) above can not
be used together with active impedance.
Do not use the active impedance if not
necessary, it complicates things greatly.
A full mathematical expression is
found under Detailed Description.
DC - Characteristics
The DC - characteristic that a telephone
set has to fulfill is mainly given by the
network administrator. Following para-
meters are useful to know when the DC
behaviour of the telephone is to be set:
The voltage of the feeding system
The line feeding resistance 2 x
The maximum current from the line at
zero line length
The minimum current at which the
telephone has to work (basic
function)
The lowest and highest voltage
across the telephone
The DC-characteristic of the circuit is
a function of the voltage on pin 4. There
is also a possibility to adjust the DC-
characteristic with resistors (dc-voltage)
at pin 5 (RA and RB in figure 4). Note
that altering the DC-characteristic slope
will also influence the line length
regulation (when used) and thus the gain
of both transmitter and receiver. A closer
mathematical study is done under
Detailed Description.
Line Length Regulation
The line length regulation is to
compensate the gain in both transmitter
and receiver with changing line length
(impedance). The dynamic range of
regulation is
≈ 6 dB. The starting point of
the regulation can be set by RC and RD
that take the information from the circuits
supply voltage which actually mirrors the
line current value in voltage. In case line
length regulation is not required it can be
omitted either in the high or in the low
gain mode (6 dB range of regulation).
PBL3853
4
I=0.3mA
VF
+Line
A complex network
220
Ω + 820Ω//115nF
Example: b)
R1
C3
Rs
≈1Ω
a)
C2
b)
a) Real impedance
b) Complex impedance
The complex network should
be connected to the speech
circuit like shown in c). See text.
c)
Circuit supply


Similar Part No. - PBL3853

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411N ERICSSON-PBL385411N Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411SO ERICSSON-PBL385411SO Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411SO-T ERICSSON-PBL385411SO-T Datasheet
277Kb / 14P
   Universal Speech Circuit
More results

Similar Description - PBL3853

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com