Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACK106002TA Datasheet(PDF) 5 Page - AVX Corporation

Part # TACK106002TA
Description  The world?셲 smallest surface mount tantalum capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACK106002TA Datasheet(HTML) 5 Page - AVX Corporation

  TACK106002TA Datasheet HTML 1Page - AVX Corporation TACK106002TA Datasheet HTML 2Page - AVX Corporation TACK106002TA Datasheet HTML 3Page - AVX Corporation TACK106002TA Datasheet HTML 4Page - AVX Corporation TACK106002TA Datasheet HTML 5Page - AVX Corporation TACK106002TA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
30
APRIL 2014
TACmicrochip
®
Standard Microchip
TEST
TAC series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within ±10% of initial value
DF
1.5 x initial limit
ESR
1.5 x initial limit
Visual examination
no visible damage
Humidity
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
1.2 x initial limit
ESR
1.2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
Stability
ΔC/C
n/a
+0/-10%
±5%
+10/-0%
+15/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
ESR
IL*
1.25 x IL*
IL*
1.25 x IL*
2 x IL*
IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours
at room temperature. Also determine of 125ºC tem-
perature, category voltage for 2000 +48/-0 hours
and then leaving 1-2 hours at room temperature.
Power supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage at
40±2ºC and 90-95% relative humidity for 1344
+48/-0 hours and then recovery 1-2 hours at
room temperature
Test temperature: 85ºC+3/0ºC
Test voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE – CATEGORY 1
TEST
TAC series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within ±15% of initial value
DF
1.5 x initial limit
ESR
1.5 x initial limit
Visual examination
no visible damage
Humidity
DCL
initial limit
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
ESR
1.2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
Stability
ΔC/C
n/a
+0/-15%
±5%
+15/-0%
+20/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
ESR
IL*
1.25 x IL*
IL*
1.25 x IL*
2 x IL*
IL*
Visual examination
no visible damage
Surge
DCL
1.5 x initial limit
Voltage
ΔC/C
within ±15% of initial value
DF
1.5 x initial limit
ESR
1.5 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours
at room temperature. Also determine of 125ºC tem-
perature, category voltage for 2000 +48/-0 hours
and then leaving 1-2 hours at room temperature.
Power supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage at
40±2ºC and 90-95% relative humidity for 1344
+48/-0 hours and then recovery 1-2 hours at
room temperature
Test temperature: 85ºC+3/0ºC
Test voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE – CATEGORY 2


Similar Part No. - TACK106002TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACK106M002TA AVX-TACK106M002TA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
More results

Similar Description - TACK106002TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com