Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL37761 Datasheet(PDF) 8 Page - Ericsson

Part # PBL37761
Description  Dual Controller IC for High Current Stepper Motor Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL37761 Datasheet(HTML) 8 Page - Ericsson

  PBL37761 Datasheet HTML 1Page - Ericsson PBL37761 Datasheet HTML 2Page - Ericsson PBL37761 Datasheet HTML 3Page - Ericsson PBL37761 Datasheet HTML 4Page - Ericsson PBL37761 Datasheet HTML 5Page - Ericsson PBL37761 Datasheet HTML 6Page - Ericsson PBL37761 Datasheet HTML 7Page - Ericsson PBL37761 Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PBL 3776/1
8
Figure 10. Stepping modes.
Information given in this data sheet is believed to be
accurate and reliable. However no responsibility is
assumed for the consequences of its use nor for any
infringement of patents or other rights of third parties
which may result from its use. No license is granted
by implication or otherwise under any patent or patent
rights of Ericsson Components. These products are
sold only according to Ericsson Components' general
conditions of sale, unless otherwise confirmed in
writing.
Specifications subject to change without
notice.
1522-PBL 3776/1 Uen Rev. D
© Ericsson Components AB 1999
Ericsson Components AB
SE-164 81 Kista-Stockholm, Sweden
Telephone: +46 8 757 50 00
V
R1
Dis
1
Phase
1
Phase
2
Dis
2
I
MA1
I
MA2
100%
–100%
–100%
100%
Full step mode
Half step mode
Modified half step mode
V
R2
140%
100%
140%
100%
140%
–140%
140%
–140%
is made. The motor will then have taken
two half steps equalling one full step in
rotary movement. The cycle is repeated,
but on the other phase. A total of eight
states are sequenced until the initial state
is reached again.
Half-step mode can overcome poten-
tial resonance problems. Resonances
appear as a sudden loss of torque at one
or more distinct stepping rates and must
be avoided so as not to loose control of
the motor´s shaft position.
One disadvantage with the half-step
mode is the reduced torque in the half
step positions, in which current flows
through one winding only. The torque in
this position is approximately 70 % of the
full step position torque.
Modified half-step mode.The torque
variations in half step mode will be elimi-
nated if the current is increased about
1.4 times in the halfstep position. A
constant torque will further reduce
resonances and mechanical noise,
resulting in better performance, life
expectancy and reliability of the mechani-
cal system.
Modifying the current levels must be
done by bringing the reference voltage
up (or down) from its nominal value
correspondingly. This can be done by
using DACs or simple resistor divider
networks.
See SMD and application handbook
for more information on implementing modified half step.
Ordering Information
Package
Part No.
Plastic DIP Tube
PBL 3776/1NS


Similar Part No. - PBL37761

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ANS ERICSSON-PBL3770ANS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNS ERICSSON-PBL3770AQNS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNT ERICSSON-PBL3770AQNT Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ASOS ERICSSON-PBL3770ASOS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
More results

Similar Description - PBL37761

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3776 NJRC-NJM3776 Datasheet
146Kb / 9P
   DUAL CONTROLLER FOR HIGH-CURRENT STEPPER MOTOR
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com