Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T90N5D42-24 Datasheet(PDF) 4 Page - Tyco Electronics

Part # T90N5D42-24
Description  T90 Series, 30A PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T90N5D42-24 Datasheet(HTML) 4 Page - Tyco Electronics

  T90N5D42-24 Datasheet HTML 1Page - Tyco Electronics T90N5D42-24 Datasheet HTML 2Page - Tyco Electronics T90N5D42-24 Datasheet HTML 3Page - Tyco Electronics T90N5D42-24 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
TE Connectivity:
T90S1D42-24 T90S5D42-24 T90S1D12-5 T90S1D12-6 T90S5D12-24 T90N5D12-24 T90N1D12-24 T90S1D12-
24 T90S1D12-12 T90N5D12-12 T90S5D12-12 T90N1D12-12 T90S5D12-5 T90N5D12-5 5-1393208-4 6-1393208-
4 6-1393208-6 7-1393208-2 7-1393208-4 7-1393208-8 8-1393208-1 8-1393208-4 8-1393208-5 8-1393208-9 9-
1393208-1 9-1393208-9 1393209-2 1-1393209-0 1-1393209-3 2-1393209-0 2-1393209-1 3-1393209-3 5-
1393209-0 T90S5D12-48 T90N1D12-110 T90N5D11-24 T90N5D12-110 T90S1D11-24 T90S1D12-18 T90S1D12-9
T90N1D42-12=T90 T90H1D12-24-08 T90H1D12-24-18 T90R1D12-12 T90R5D12-12 T90R5D12-24 T90N1D12-
18-05 T90N1D12-18 T90N1D12-48 T90N1D12-9 T90N1D42-12 T90N1D42-24 T90N1D42-24-01 T90N5D12-18
T90N5D12-48 T90N5D42-24-03 T90S1D12-110 T90S1D42-12 T90S1D42-48 T90S5D12-110 T90S5D12-18
T90S5D42-12 T90H5D12-20-01


Similar Part No. - T90N5D42-24

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T90 DBLECTRO-T90 Datasheet
335Kb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
EUROQUARTZ limited
T90 EUROQUARTZ-T90 Datasheet
141Kb / 1P
   Rugged construction CMOS/PECL/Sinewave 9 x 7.5 x 4mm SMD
logo
TE Connectivity Ltd
T90 TEC-T90 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
logo
List of Unclassifed Man...
T90 ETC2-T90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
Fluke Corporation
T90 FLUKE-T90 Datasheet
1Mb / 4P
   Voltage Continuity Tester
More results

Similar Description - T90N5D42-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393209-2 MACOM-2-1393209-2 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-7 MACOM-2-1393209-7 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-1 MACOM-2-1393209-1 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
T90S1D12-24 MACOM-T90S1D12-24 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-0 MACOM-2-1393209-0 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-5 MACOM-2-1393209-5 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-6 MACOM-2-1393209-6 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-8 MACOM-2-1393209-8 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
T9G TEC-T9G Datasheet
812Kb / 5P
   T9G series, DC coil 30A PCB Relay
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com