Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL37711SO Datasheet(PDF) 2 Page - Ericsson

Part # PBL37711SO
Description  Precision Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL37711SO Datasheet(HTML) 2 Page - Ericsson

  PBL37711SO Datasheet HTML 1Page - Ericsson PBL37711SO Datasheet HTML 2Page - Ericsson PBL37711SO Datasheet HTML 3Page - Ericsson PBL37711SO Datasheet HTML 4Page - Ericsson PBL37711SO Datasheet HTML 5Page - Ericsson PBL37711SO Datasheet HTML 6Page - Ericsson PBL37711SO Datasheet HTML 7Page - Ericsson PBL37711SO Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PBL 3771/1
2
Maximum Ratings
Parameter
Pin no. (DIL)
Symbol
Min
Max
Unit
Voltage
Logic supply
11
V
CC
07V
Motor supply
3, 20
V
MM
045
V
Logic inputs
7, 8, 15, 16
V
I
-0.3
6
V
Comparator inputs
10, 13
V
C
-0.3
V
CC
V
Reference inputs
9, 14
V
R
-0.3
7.5
V
Current
Motor output current
1, 4, 19, 22
I
M
-700
+700
mA
Logic inputs
7, 8, 15, 16
I
I
-10
mA
Analog inputs
10, 13
I
A
-10
mA
Oscillator charging current
12
I
RC
5mA
Temperature
Operating junction temperature
T
J
-40
+150
°C
Storage temperature**
T
S
-55
+150
°C
** Circuit only. The packaging can handle max 60
°C
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Logic supply voltage
V
CC
4.75
5
5.25
V
Motor supply voltage
V
MM
10
40
V
Motor output current ***
I
M
-650
650
mA
Junction temperature ****
T
J
-20
+125
°C
Rise time logic inputs
t
r
2
µs
Fall time logic inputs
t
f
2
µs
Oscillator timing resistor
R
T
2
15
20
kohms
*** In microstepping mode, “sine/cosine” drive where I
1 = 650 • cos(θ) and I2 = 650 • sin(θ) mA, otherwise 500 mA/channel both
channels fully on.
****See operating temperature chapter.
Figure 2. Definitions of symbols.
Figure 3. Definition of terms.
50 %
V
CH
t
on
t
off
V
E
| V
– V
|
MA
MB
td
t
t
f =
s
ton toff
+
D =
t
ton
off
+
1
ton
I
I
M
OL
ICC
I
I
I
I
IH
IL
IA
3 300 pF
VCC
I
I
C
A
V E
V
V
VMM
C
820 pF
1 kW
R
S
R T
T
CC
RC
15 kW
I MM
I RC
RC
PBL 3771/1
20
12
11
VMM1
VMM2
M A1
M B1
M
B2
M
A2
GND
C2
V
R2
CD
2
Phase 2
V
CC
C 1
VR1
CD1
Phase 1
E 1
E 2
V
CC
22
19
16
13
S
R
Q
15
14
5, 6, 17, 18
+
+
Logic
21
S
R
Q
+
+
Logic
+
3
1
4
2
10
9
8
7
V
V
V
I
IH
IL
V
V
A
R
V
V
CH
C
M
MA
Pin numbers refer to
DIL-package


Similar Part No. - PBL37711SO

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ANS ERICSSON-PBL3770ANS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNS ERICSSON-PBL3770AQNS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNT ERICSSON-PBL3770AQNT Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ASOS ERICSSON-PBL3770ASOS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
More results

Similar Description - PBL37711SO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com