Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI7661M Datasheet(PDF) 4 Page - Epson Company

Part # SCI7661M
Description  DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7661M Datasheet(HTML) 4 Page - Epson Company

  SCI7661M Datasheet HTML 1Page - Epson Company SCI7661M Datasheet HTML 2Page - Epson Company SCI7661M Datasheet HTML 3Page - Epson Company SCI7661M Datasheet HTML 4Page - Epson Company SCI7661M Datasheet HTML 5Page - Epson Company SCI7661M Datasheet HTML 6Page - Epson Company SCI7661M Datasheet HTML 7Page - Epson Company SCI7661M Datasheet HTML 8Page - Epson Company SCI7661M Datasheet HTML 9Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SCI7661COA/MOA
s PERFORMANCE CURVES
ROSC(
Ω)
IOUT(mA)
IOUT(mA)
IOUT(mA)
fOSC(Hz)
IOUT(mA)
VIN(V)
1000
0
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
40
36
32
28
24
20
16
12
8
4
0
-5
0
400
300
200
100
0
01234567
-1
-2
-3
-4
-5
-6
-10
-15
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
100
10
1
20
30
10K
–30
0
0
010
0
10
3
10
4
10
5
10
6
fOSC(Hz)
IOUT(A)
10
3
10
-4
10
-3
10
-2
10
-1
IOUT(A)
10
-4
10
-3
10
-2
10
-1
10
4
10
5
10
6
1357
9
24
6
8
10
20
30
40
50
0123456789
10
10
20
30
40
50
50
100
150
0
1
2
3
4
5
6
7
100K
680K1M
10M
VIN=-5V
VIN=-5V
VIN=-5V
VIN=-3V
VIN=-3V
VIN=-1.5V
VIN=-1.5V
VIN(V)
150
100
50
Ta=25
°C
Ta=25
°C
VIN=-5.0V
Ta=25
°C
VIN=-2.0V
Ta=25
°C
VOUT=-15V
Ta=25
°C
VOUT=-6V
Ta=25
°C
VIN=-5V
Ta=25
°C
Ta=25
°C
fOSC=40kHz
fOSC=20kHz
fOSC=10kHz
Ta(
°C)
Fig.1 Oscillation Frequency(fOSC)vs.
External-Resistance(ROSC)
Fig.4 Output Voltage(VOUT)vs.
Output Current(IOUT)
Fig.7 Power Conversion Efficiency
(Peff)/Input Current(IIN)vs.
Output Current(IOUT)
Fig.10 Power Conversion Efficiency(Peff)
vs.Oscillation Frequency(fOSC)
Fig.11 Output Voltage(Vreg)vs. Output
Current(IOUT)
Fig.12 Output Voltage(Vreg)vs. Output
Current(IOUT)
Fig.8 Power Conversion Efficiency
(Peff)/Input Current(IIN)vs.
Output Current(IOUT)
Fig.9 Power Conversion Efficiency
(Peff)vs. Oscillation Frequency
(fOSC)
Fig.5 Output Voltage(VOUT)vs.
Output Current(IOUT)
Fig.6 Output Inpedance(ROUT)vs.
Input Voltage(VIN)
Fig.2 Oscillation Frequency(fOSC)vs.
Temperature(Ta)
Fig.3 Input Voltage(VIN)vs. Booster
Current Consumption(Iopr1)
Double
Double
Peff
Double Peff
Double IIN
Double IIN
Double
Double
Triple
Triple Peff
Triple Peff
Triple
Triple
Triple
IIN
Triple IIN
VIN=-5.0V
VIN=-1.5V
IOUT=10mA
IOUT=4mA
IOUT=20mA
IOUT=30mA
IOUT=
5mA
IOUT=
2mA
IOUT=
0.5mA
IOUT=
1mA
IOUT=
2mA
-8.000
-7.950
-7.900
-7.850
-3.000
-2.950
-2.900
-2.850


Similar Part No. - SCI7661M

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
More results

Similar Description - SCI7661M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com