Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT240XS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT240XS
Description  Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FT240XS Datasheet HTML 2Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 3Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 4Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 5Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 6Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 7Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 8Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 9Page - List of Unclassifed Manufacturers FT240XS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FT-X Series Features
X-Chip Factor provides the extra elements/features that add value:
– Battery charger detection to enable higher
current, faster charging.
– Extensive clocking features; internal clock
generation and external clock out.
– Internal 3V3 level converter.
– Integrated crystal and MTP memory to
– Integrated crystal and MTP memory to
save board space and maximize flexibility.
– Extended temperature range support,
-40°to +85°C.
– Low power consumption:
• 8mA active (typical)
• 125uA suspend (typical)
– Input/ output voltage support, 1.8V to 3.3V,
with 5V tolerance.


Similar Part No. - FT240XS

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
More results

Similar Description - FT240XS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
   Introducing the Newest Member of the Zenigata Family
logo
List of Unclassifed Man...
ESTS ETC2-ESTS Datasheet
690Kb / 1P
   SSL Solutions Faster Than The Speed Of Light
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com