Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10DUI-240909ZLF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P10DUI-240909ZLF
Description  PM3-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10DUI-240909ZLF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P10DUI-240909ZLF Datasheet HTML 1Page - PEAK electronics GmbH P10DUI-240909ZLF Datasheet HTML 2Page - PEAK electronics GmbH P10DUI-240909ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PM3-Series – P10DUI-xxxxZ(H30)LF – Dual Separate Output – DIP14 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P10DUI-xxxxZ(H30)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
± 10%
Input Filter
Capacitor
Input Reflected Ripple Current¹
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 3%
Short Circuit Protection
Short Term
Line Regulation
± 1.2% / 1% Vin Change
Load Regulation (20% - 100%)
± 10% (3.3 Vout Models: ± 20%)
Ripple and Noise (20Mhz bandwidth)
75 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1000 VDC (3000 VDC optional)*
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
80 kHz (Variable)
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 2.7g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PM3 series P10DUI-xxxxZ(H30)LF is a family of cost effective 2 W
dual separate output DC/DC converters. These converters are in an ultra
miniature DIP14 case. Devices are encapsulated. High performance
features: 1000VDC up to 3000VDC input/output isolation, high efficiency
operation, output voltage accuracy of ±3% maximum, input range of ±10%
tolerance and low output ripple and noise.
PM3-SERIES
2 Watt
Unregulated
Dual Separate Output
DIP14 Case
1 - 3 kV DC I/O Isolation
Low Ripple and Noise
Rev.11-2008


Similar Part No. - P10DUI-240909ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P10DU-0505ELF PEAK-P10DU-0505ELF Datasheet
140Kb / 4P
   PM3-SERIES
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10DU-0509ELF PEAK-P10DU-0509ELF Datasheet
140Kb / 4P
   PM3-SERIES
P10DU-0512E PEAK-P10DU-0512E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
More results

Similar Description - P10DUI-240909ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
   PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
   PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
   PM3-SERIES
P10CU PEAK-P10CU_14 Datasheet
150Kb / 4P
   PM3-SERIES
P10LU PEAK-P10LU_14 Datasheet
154Kb / 4P
   PM3-SERIES
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
   MPLAB PM3 Universal Device Programmer
9/1/03
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com