Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P8GG-1212ELF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P8GG-1212ELF
Description  PMF-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8GG-1212ELF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P8GG-1212ELF Datasheet HTML 1Page - PEAK electronics GmbH P8GG-1212ELF Datasheet HTML 2Page - PEAK electronics GmbH P8GG-1212ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMF-Series – P8GG-xxxxE(Hxx)LF – Single Output – SIP12 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P8GG-xxxxE(Hxx)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
± 10%
Input Filter
Capacitors
Input Reflected Ripple Current¹
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 2%
Short Circuit Protection
Indefinite (Automatic Recovery)
Line Regulation
± 0.5%
Load Regulation (0% - 100%)
± 0.5% (3.3Vout Models: ± 1.5%)
Ripple and Noise (20Mhz bandwidth)
75 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1000 VDC (up to 5200 VDC optional*)
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
50 kHz (typ.)
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.12 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 7.2g, typ.
Environment Specifications
Operating Temperature
-25 to +71°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMF series P8GG-xxxxE(Hxx)LF is a family of cost effective 1.5 W
regulated single output DC/DC converters. These converters are in an ultra
miniature SIP12 case. Devices are encapsulated. High performance
features: Regulated Output, 1000VDC up to 5200VDC input/output
isolation, high efficiency operation, output voltage accuracy of ±2%
maximum and input range of ±10% tolerance.
PMF-SERIES
1.5 Watt
Regulated
Single Output
SIP 12 Case
1 kV up to 5.2kV DC I/O Isolation
Cont. Short Circuit Protection
Rev.02-2009


Similar Part No. - P8GG-1212ELF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8GR-65-9LG RENESAS-P8GR-65-9LG Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Schneider Electric
P8GT SCHNEIDER-P8GT Datasheet
82Kb / 2P
   APC Power-Saving Home/Office SurgeArrest, 8 Outlets with Phone Protection, 120V
More results

Similar Description - P8GG-1212ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10GG PEAK-P10GG_14 Datasheet
136Kb / 3P
   PMF-SERIES
P14GG PEAK-P14GG_14 Datasheet
137Kb / 3P
   PMF-SERIES
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-5V320WCXX DELTA-PMF-5V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
logo
RFE international
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PMT RFE-PMT Datasheet
136Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
REV 2010.10.13
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
JDS Uniphase Corporatio...
21010278 JDSU-21010278 Datasheet
169Kb / 4P
   10Gb/s, data modulator with attenuator, PMF in & SMF out, FC/SPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com