Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9520NSTRL Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9520NSTRL
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9520NSTRL Datasheet(HTML) 2 Page - International Rectifier

  IRF9520NSTRL Datasheet HTML 1Page - International Rectifier IRF9520NSTRL Datasheet HTML 2Page - International Rectifier IRF9520NSTRL Datasheet HTML 3Page - International Rectifier IRF9520NSTRL Datasheet HTML 4Page - International Rectifier IRF9520NSTRL Datasheet HTML 5Page - International Rectifier IRF9520NSTRL Datasheet HTML 6Page - International Rectifier IRF9520NSTRL Datasheet HTML 7Page - International Rectifier IRF9520NSTRL Datasheet HTML 8Page - International Rectifier IRF9520NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF9520NS/L
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.10 –––
V/°C
Reference to 25°C, ID = -1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.48
VGS = 10V, ID = -4.0A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.4
–––
–––
S
VDS = -50V, ID = -4.0A
…
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
27
ID = -4.0A
Qgs
Gate-to-Source Charge
–––
–––
5.0
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
15
VGS = -10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -50V
tr
Rise Time
–––
47
–––
ID = -4.0A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 22Ω
tf
Fall Time
–––
31
–––
RD = 12Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
350
–––
VGS = 0V
Coss
Output Capacitance
–––
110
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
70
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
‚ Starting T
J = 25°C, L = 18mH
RG = 25Ω, IAS = -4.0A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ -4.0A, di/dt ≤ -300A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%
… Uses IRF9520N data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -4.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
100
150
ns
TJ = 25°C, IF = -4.0A
Qrr
Reverse Recovery
Charge
___
420
630
nC
di/dt = -100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
S
D
G
-6.8
-27


Similar Part No. - IRF9520NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
logo
Kersemi Electronic Co.,...
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
International Rectifier
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
415Kb / 10P
   HEXFET Power MOSFET
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF9520NSPBF IRF-IRF9520NSPBF_15 Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRF9520NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com