Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5LU-4824ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P5LU-4824ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P5LU-4824ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P5LU-4824ELF Datasheet HTML 1Page - PEAK electronics GmbH P5LU-4824ELF Datasheet HTML 2Page - PEAK electronics GmbH P5LU-4824ELF Datasheet HTML 3Page - PEAK electronics GmbH P5LU-4824ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PM1-Series – P5LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL OUTPUT
P5LU-053R3ZLF
5
30
230
± 3.3
± 113.6
65
± 100
P5LU-0505ZLF
5
30
211
± 5
± 75
71
± 100
P5LU-057R2ZLF
5
30
202
± 7.2
± 52
74
± 100
P5LU-0509ZLF
5
30
202
± 9
± 41.6
74
± 100
P5LU-0512ZLF
5
30
197
± 12
± 31.2
76
± 100
P5LU-0515ZLF
5
30
197
± 15
± 25
76
± 100
P5LU-0518ZLF
5
30
189
± 18
± 20.8
79
± 100
P5LU-0524ZLF
5
30
189
± 24
± 15.6
79
± 100
P5LU-123R3ZLF
12
20
126
± 3.3
± 113.6
65
± 100
P5LU-1205ZLF
12
20
85
± 5
± 75
73
± 100
P5LU-127R2ZLF
12
20
84
± 7.2
± 52
74
± 100
P5LU-1209ZLF
12
20
84
± 9
± 41.6
74
± 100
P5LU-1212ZLF
12
20
80
± 12
± 31.2
78
± 100
P5LU-1215ZLF
12
20
78
± 15
± 25
80
± 100
P5LU-1218ZLF
12
20
78
± 18
± 20.8
80
± 100
P5LU-1224ZLF
12
20
80
± 24
± 15.6
78
± 100
P5LU-243R3ZLF
24
10
46
± 3.3
± 113.6
67
± 100
P5LU-2405ZLF
24
10
42
± 5
± 75
74
± 100
P5LU-247R2ZLF
24
10
41
± 7.2
± 52
76
± 100
P5LU-2409ZLF
24
10
41
± 9
± 41.6
76
± 100
P5LU-2412ZLF
24
10
40
± 12
± 31.2
78
± 100
P5LU-2415ZLF
24
10
40
± 15
± 25
78
± 100
P5LU-2418ZLF
24
10
40
± 18
± 20.8
78
± 100
P5LU-2424ZLF
24
10
40
± 24
± 15.6
78
± 100
P5LU-483R3ZLF
48
6
25
± 3.3
± 113.6
62
± 100
P5LU-4805ZLF
48
6
24
± 5
± 75
65
± 100
P5LU-487R2ZLF
48
6
22
± 7.2
± 52
70
± 100
P5LU-4809ZLF
48
6
21
± 9
± 41.6
72
± 100
P5LU-4812ZLF
48
6
21
± 12
± 31.2
74
± 100
P5LU-4815ZLF
48
6
21
± 15
± 25
74
± 100
P5LU-4818ZLF
48
6
21
± 18
± 20.8
72
± 100
P5LU-4824ZLF
48
6
22
± 24
± 15.6
70
± 100
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P5LU-2412ZH40LF for 4KV)


Similar Part No. - P5LU-4824ELF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LU-4824ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com