Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6CU-123R3ELF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6CU-123R3ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CU-123R3ELF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6CU-123R3ELF Datasheet HTML 1Page - PEAK electronics GmbH P6CU-123R3ELF Datasheet HTML 2Page - PEAK electronics GmbH P6CU-123R3ELF Datasheet HTML 3Page - PEAK electronics GmbH P6CU-123R3ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PM1-Series – P6CU-xxxxE/Z LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
P6CU-xxxxE/Z LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
± 10%
Input Filter
Capacitor
Input Reflected Ripple Current¹
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 3%
Short Circuit Protection
Short Term
Line Regulation
± 1.2% / 1% Vin Change
Load Regulation (20% - 100%)
± 10% (3.3 Vout Models: ± 20%)
Ripple and Noise (20Mhz bandwidth)
75 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1000 VDC
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
80 kHz (Variable)
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 2.3g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10 mm distance required)
RoHS Conform
Soldering 260°C, max. (1.5 mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PM1 series P6CU-xxxxE/ZLF is a family of cost effective 1 W single &
dual output DC-DC converters. These converters are in an ultra miniature
SIP7 case. Devices are encapsulated. High performance features:
1000VDC input/output isolation, high efficiency operation, output voltage
accuracy of ±3% maximum, input range of ±10% tolerance and low output
ripple and noise.
PM1-SERIES
1 Watt
Unregulated
Single and Dual Output
SIP7 Case
1 kV DC I/O Isolation
Low Ripple and Noise
Rev.02-2009


Similar Part No. - P6CU-123R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CU-1205E PEAK-P6CU-1205E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6CU-1205Z PEAK-P6CU-1205Z Datasheet
244Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6CU-1212E PEAK-P6CU-1212E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6CU-1212Z PEAK-P6CU-1212Z Datasheet
244Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
More results

Similar Description - P6CU-123R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com