Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM91865 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM91865
Description  13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91865 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM91865 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
* This specification are subject to be changed without notice.
4.28.1999
EM91865
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
GENERALDESCRIPTION
The EM91865 are 13 memory tone/pulse switchable dialer with Last Number Redail (LNB) anD SAVE function,
Which are fabricate in CMOS technology with wide operating voltage for both tone and pulse mode. EM91865
consumes very low memory retention current in on hook state. The EM91865 provide necessary functions of
telephone set for application in any environment, such as pulse dialing, tone (DTMF)dialing, handfree dialing. Beside
this, hold, mute and redial function are provide for particular operation. In redial mode EM91865 can auto insert
pause
time for application in PABX system. EM91865 also have a special I/O pin - VAO can used tocontrol
the receive volume amplify circuit.
FEATURES
• Volume add Control Function.
• One key Redial Function.
• Flash key is available and have multiple Flash time ( 600 ms, 300 ms, 100 ms ) can be selected.
• Auto Insert Pause Time.
• Tone/Pulse Switchable.
• Pulse mode fixed 10PPS.
• Pulse to tone ( P
→T ) key is provided for PABX operation.
• Many options can be selected by R option.
Mode ( Pulse, Tone )
M/B ratio ( 40:60 ; 33:66 )
Auto insert pause time ( enable ; disable )
• 13 sets 16 digits one touch memory, or 3 set one touch and ten set two touch 16 digits
memory.
• One set 32 digits SAVE function.
• One set 32 digits LNB redial function.
• Mixed and cascaded dialing.
• Hold and Mute function.
• Hand Free dialing.
• Tone duration and inter -tone pause are fixed at 90 ms.
• Flash pause time are fixed at 600 ms.
• Pulse to Tone pause time are fixed at 3.6sec.
• Uses 3.579545 MHz crystal or ceramic resonator (with built-in capacitor, no need extra capacitor).
• Package in DIP 18 or DIP 16.
Total System
• Operating voltage : 2.0V ~ 5.5V
• Operating current : Tone mode 0.3 mA (typical) ~ 0.5 mA
Pulse mode 0.15 mA (typical) ~ 0.2 mA
• Standby current : 0.01 uA ( typical ) 0.1 uA ( max. )
• Use single clock 3.579545 MHz crystal


Similar Part No. - EM91865

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810B EMC-EM91810B Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
   TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
   CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
More results

Similar Description - EM91865

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
   TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com