Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM91865 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM91865
Description  13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91865 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM91865 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91865 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
* This specification are subject to be changed without notice.
4
4.28.1999
EM91865
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
FUNCTION DESCRIPTIONS
Dialer Option selection
The EM91865 incorporated a special keyboard scanning function that is connecting a resistor ( typically is
560 K
Ω ) on keyboard scan pin to select many telephone specifications.
The specifications are described as follow :
a. M/B ratio
K2
M/B ratio
NR
40:60
R-Vss
33:66
b. Auto Insert Pause time
d. Mode
K3
Auto Insert
K5
Mode
Pause time
NR
Disable
NR
Tone
R-Vss
Enable
R-Vss
Pulse
Normal Dialing :
Press the digital key directly on keyboard which number can be dialing out and stored in LNB memory auto
matically. Operating procedure described as following:
• To select Pulse or Tone mode.
• Off-Hook or turn on HF function.
• Keying d1,d2,....dn. The "d" expressed digital key pressed that include 1~9, *, 0, #, P, and P
→T keys. The "n"
expressed unlimited.
• The numbers d1,d2,......, dn will be dialed out in Pulse or Tone mode as selection.
LNB Redial Function :
Storing :
In normal dialing mode, every digital key was entry which number will be stored in LNB memory automatically.
If entry digits are more than 32 digits, the redial function of LNB memory will be disabled, otherwise, these
numbers stored in LNB memory can be redial output.
Redialing :
EM91865 provide Redial and One Key Redial function
(1) Redial function
Off-Hook normal dialing directly keying "F" key (or ON-OFF Hook once) and key-in "RD" keyboard.
The numbers stored in LNB memory will be dialed out.
(2) One Key Redial function
Off-Hook normal dialing, if busy, press the "RD" key directly then the line will be broken about 1.2 sec
with Trp redial pause time and dial out the numbers stored in LNB memory automatically.


Similar Part No. - EM91865

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810B EMC-EM91810B Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
   TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
   CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
More results

Similar Description - EM91865

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
   TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com