Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

543BK078 Datasheet(PDF) 1 Page - Alpha Wire

Part # 543BK078
Description  125 V Detachable Power Supply Cords 3-Conductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

543BK078 Datasheet(HTML) 1 Page - Alpha Wire

  543BK078 Datasheet HTML 1Page - Alpha Wire 543BK078 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
268
Unshielded, Right Angle, Type SJT
Part No.
Cord Length
Wire Size
Stranding
Nominal Diameter
Power Rating
Color
Code
25 pc
100 pc
Ft
m
AWG
mm2
AWG
mm
Inch
mm
Watts
Amps
537
537B
6’ 7”
2
18
0.82
41/34
41 x 0.16
0.330
8.38
1250
10
ICC
538
9’ 10”
3
18
0.82
41/34
41 x 0.16
0.330
8.38
1250
10
ICC
540
9’ 10”
3
16
1.32
65/34
65 x 0.16
0.331
8.41
1625
13
ICC
Shielded, Right Angle, Type SVT
Part No.
Cord Length
Wire Size
Stranding
Drain
Wire*
Nominal Diameter
Power Rating
Color
Code
Ft
m
AWG
mm2
AWG
mm
Inch
mm
Watts
Amps
550F
9’ 10”
3
18
0.82
41/34
41 x 0.16
A
0.260
6.60
1250
10
ICC
*Drain Wire:
A = 22 AWG (mm2), 7/30 (7 x 0.25 mm) stranding.
Unshielded, Straight, Type SVT
NEMA 5-15P Connector
Part No.
Cord Length
Wire Size
Stranding
Nominal Diameter
Power Rating
Color
Code
Ft
m
AWG
mm2
AWG
mm
Inch
mm
Watts
Amps
543*
7’ 5”
2.3
18
0.82
41/34
41 x 0.16
0.240
6.09
1250
7
ICC
*Also available with slate jacket.
Cable > Manhattan > Cordsets > 125 V
Manhattan™ Cordsets
125 V Detachable Power Supply Cords
3-Conductor


Similar Part No. - 543BK078

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5430 3M-5430 Datasheet
176Kb / 2P
   UHMW Polyethylene Tape
logo
Alpha Wire
5430/12 ALPHAWIRE-5430/12 Datasheet
100Kb / 5P
   Customer Specification
8/29/2022
5430/12 ALPHAWIRE-5430/12 Datasheet
99Kb / 5P
   Customer Specification
12/1/2022
5430/19 ALPHAWIRE-5430/19 Datasheet
100Kb / 5P
   Customer Specifications
12/8/2022
5430/2 ALPHAWIRE-5430/2 Datasheet
99Kb / 5P
   Customer SpecificationS
12/12/2022
More results

Similar Description - 543BK078

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
550FBK078 ALPHAWIRE-550FBK078 Datasheet
71Kb / 2P
   125 V Detachable Power Supply Cords 3-Conductor
535BBK076 ALPHAWIRE-535BBK076 Datasheet
88Kb / 2P
   125 V Detachable Power Supply Cords
777BSL076 ALPHAWIRE-777BSL076 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
782BK078 ALPHAWIRE-782BK078 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
832SL078 ALPHAWIRE-832SL078 Datasheet
93Kb / 2P
   125 V Medical-Grade Power Supply Cordsets 3-Conductor
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
   125 V Jumper Cords
logo
List of Unclassifed Man...
VL-1724-23-300 ETC2-VL-1724-23-300 Datasheet
67Kb / 2P
   CORDSET - BRITISH V-LOCK DETACHABLE POWER SUPPLY CORD
VL-2224-34-150 ETC2-VL-2224-34-150 Datasheet
64Kb / 2P
   CORDSET - HAPANESE V-LCOK DETACHABLE POWER SUPPLY CORD
VL-2624-32-200 ETC2-VL-2624-32-200 Datasheet
66Kb / 2P
   CORDSET -CHINESE V-LOCK DETACHABLE POWER SUPPLY CORD
VL-2636-33-200 ETC2-VL-2636-33-200 Datasheet
69Kb / 2P
   CORDSET - CHINESE V-LOCK DETACHABLE POWER SUPPLY CORD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com