Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFSC1008ABER1R0M01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IFSC1008ABER1R0M01
Description  Low Profile, High Current Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IFSC1008ABER1R0M01 Datasheet(HTML) 1 Page - Vishay Siliconix

  IFSC1008ABER1R0M01 Datasheet HTML 1Page - Vishay Siliconix IFSC1008ABER1R0M01 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IFSC-1008AB-01
www.vishay.com
Vishay Dale
Revision: 16-May-12
1
Document Number: 34294
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile, High Current Inductors
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range - 55 °C to + 125 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 30 %
(5) The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Shielded construction
• Frequency range up to 5.0 MHz
• Handles high transient current spikes without
saturation
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• PDA/notebook/desktop/server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for field programmable gate array
(FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 % AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
0.47
25
29
3.70
3.90
1.0
37
43
2.60
2.70
1.5
63
72
2.20
2.30
2.2
80
90
1.85
2.15
3.3
140
155
1.45
1.70
4.7
190
212
1.20
1.50
6.0
260
288
1.10
1.35
6.8
325
370
1.00
1.15
10.0
360
410
0.75
0.85
22.0
910
1050
0.50
0.56
DIMENSIONS in inches [millimeters]
0.098 ± 0.008
[2.5 ± 0.2]
0.079 ± 0.008
[2.0 ± 0.2]
0.047 [1.2]
Max.
0.028 ± 0.012
[0.7 ± 0.3]
0.028 ± 0.012
[0.7 ± 0.3]
Typical Pad Layout
0.083
[2.1]
0.102 [2.6]
0.031 [0.8]
DESCRIPTION
IFSC-1008AB-01
4.7 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
F
S
C
1
008
A
B
E
R
4
R
7
M
01
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Similar Part No. - IFSC1008ABER1R0M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFSC1008ABER4R7M01 VISHAY-IFSC1008ABER4R7M01 Datasheet
70Kb / 2P
   Low Profile, High Current Inductors
01-Jan-2022
More results

Similar Description - IFSC1008ABER1R0M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFSC1515AHER220M01 VISHAY-IFSC1515AHER220M01 Datasheet
90Kb / 2P
   Low Profile, High Current Inductors
Revision: 10-Mar-14
IFLR-4027EZ-01 VISHAY-IFLR-4027EZ-01 Datasheet
248Kb / 4P
   Low Profile, High Current Inductors
Revision: 02-Aug-16
IFSC-1515AH-01 VISHAY-IFSC-1515AH-01 Datasheet
83Kb / 2P
   Low Profile, High Current Inductors
Revision: 04-Oct-17
IFSC-1008AB-01 VISHAY-IFSC-1008AB-01_V01 Datasheet
70Kb / 2P
   Low Profile, High Current Inductors
01-Jan-2022
IHHP-0806AZ-01 VISHAY-IHHP-0806AZ-01 Datasheet
248Kb / 4P
   Low Profile, High Current Inductors
Revision: 23-Jan-17
IFLR-2727EZ-01 VISHAY-IFLR-2727EZ-01 Datasheet
253Kb / 4P
   Low Profile, High Current Inductors
Revision: 02-Aug-16
IFLR-4031GC-01 VISHAY-IFLR-4031GC-01 Datasheet
249Kb / 4P
   Low Profile, High Current Inductors
Revision: 02-Aug-16
IFLR-5151HZ-01 VISHAY-IFLR-5151HZ-01 Datasheet
222Kb / 4P
   Low Profile, High Current Inductors
Revision: 02-Aug-16
IFSC-0806AZ-01 VISHAY-IFSC-0806AZ-01_V01 Datasheet
339Kb / 6P
   Low Profile, High Current Inductors
01-Jan-2022
IFSC-1111AZ-01 VISHAY-IFSC-1111AZ-01_V01 Datasheet
67Kb / 2P
   Low Profile, High Current Inductors
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com