Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-2301E Datasheet(PDF) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-2301E
Description  2.24 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-2301E Datasheet(HTML) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-2301E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. C-2301E Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2.24
INCH
SINGLE
DIGIT
DISPLAY
C-2301E
REV:A / 0
4) User shall not reverse engineer by disassembling or analysis of the Display without having prior
written consent from PARA. When defective Display are found, the User shall inform PARA
directly before disassembling or analysis.
5) The formal specifications must be exchanged and signed by both parties before large volume
purchase begins.
6)
The appearance and specifications of the product may be modified for improvement without
notice.
DRAWING NO. : DS-11-09-0067
DATE : 2009-04-02
Page : 11
Release
by
PARALIGHTDCC


Similar Part No. - C-2301E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-2301E ETC-C-2301E Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-2301E

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-2301UB-A PARALIGHT-C-2301UB-A Datasheet
197Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301SRD-A PARALIGHT-A-2301SRD-A Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301Y PARALIGHT-C-2301Y Datasheet
208Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301UB PARALIGHT-A-2301UB Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301E PARALIGHT-A-2301E Datasheet
202Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301G PARALIGHT-C-2301G Datasheet
210Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301Y PARALIGHT-A-2301Y Datasheet
196Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
Everlight Electronics C...
ELS-2326SURWA-S530-A3 EVERLIGHT-ELS-2326SURWA-S530-A3 Datasheet
130Kb / 7P
   2.24" Single Digit Displays
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com