Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-1801SR Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-1801SR
Description  1.8 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-1801SR Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-1801SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.8
INCH
SINGLE
DIGIT
DISPLAY
C-1801SR G/W
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-07-0012
DATE : 2007-01-23
Page : 7
Fig.5
Fig.6
Fig.4


Similar Part No. - C-1801SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1801SR ETC-C-1801SR Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-1801SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801SR PARALIGHT-A-1801SR Datasheet
195Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801Y PARALIGHT-A-1801Y Datasheet
194Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com