Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-40 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC807-40
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807-40 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BC807-40 Datasheet HTML 3Page - NXP Semiconductors BC807-40 Datasheet HTML 4Page - NXP Semiconductors BC807-40 Datasheet HTML 5Page - NXP Semiconductors BC807-40 Datasheet HTML 6Page - NXP Semiconductors BC807-40 Datasheet HTML 7Page - NXP Semiconductors BC807-40 Datasheet HTML 8Page - NXP Semiconductors BC807-40 Datasheet HTML 9Page - NXP Semiconductors BC807-40 Datasheet HTML 10Page - NXP Semiconductors BC807-40 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
7 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig 4.
Selection -16: Base-emitter saturation voltage
as a function of collector current; typical
values
Fig 5.
Selection -25: Base-emitter saturation voltage
as a function of collector current; typical
values
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig 6.
Selection -40: Base-emitter saturation voltage as a function of collector current; typical values
006aaa122
IC (mA)
−10−1
−103
−102
−1
−10
−1
−10
VBEsat
(V)
−10−1
(1)
(2)
(3)
006aaa123
IC (mA)
−10−1
−103
−102
−1
−10
−1
−10
VBEsat
(V)
−10−1
(1)
(2)
(3)
006aaa124
IC (mA)
−10−1
−103
−102
−1
−10
−1
−10
VBEsat
(V)
−10−1
(1)
(2)
(3)


Similar Part No. - BC807-40

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC807-40 YEASHIN-BC807-40 Datasheet
619Kb / 3P
   General Purpose Transistors
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Goodwork Semiconductor ...
BC807-40 GWSEMI-BC807-40 Datasheet
555Kb / 3P
   Ldeally suited for automatic insertion
logo
Diodes Incorporated
BC807-40 DIODES-BC807-40 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Shenzhen Jin Yu Semicon...
BC807-40 HTSEMI-BC807-40 Datasheet
274Kb / 2P
   TRANSISTOR (PNP)
More results

Similar Description - BC807-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 NXP-BC807 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
   45 V, 500 mA PNP general-purpose transistors
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC807W_SER NEXPERIA-BC807W_SER Datasheet
316Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
BC807_SER NEXPERIA-BC807_SER Datasheet
310Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
logo
NXP Semiconductors
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807W-Q_SER NEXPERIA-BC807W-Q_SER Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC807QB-Q_SER NEXPERIA-BC807QB-Q_SER Datasheet
329Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
BC807QCH-Q_SER NEXPERIA-BC807QCH-Q_SER Datasheet
317Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 25 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com