Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-362Y Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-362Y
Description  0.36 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-362Y Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-362Y Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-362Y Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.36
INCH
DUAL
DIGITS
DISPLAY
C-362Y
REV:A / 3
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from PARA
and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature increase
per input electric power is affected by the thermal resistance of the circuit board and density of
Display placement on the board, as well as other components. It is necessary to avoid intense
heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and household
appliances). Consult PARA
’s sales staff in advance for information on the applications in which
exceptional quality and reliability are required , particularly when the failure or malfunction of the
Display may directly jeopardize life or health (such as for airplanes, aerospace, submersible
repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support
systems and safety devices).
DRAWING NO. : DS-12-04-0089
DATE : 2013-04-10
Page : 9
Release
by
PARALIGHTDCC


Similar Part No. - C-362Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-362Y ETC1-C-362Y Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-362Y

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-362E PARALIGHT-A-362E Datasheet
201Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362E PARALIGHT-C-362E Datasheet
201Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362G-L10 PARALIGHT-C-362G-L10 Datasheet
199Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-362Y-A PARALIGHT-A-362Y-A Datasheet
209Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
C-362SR PARALIGHT-C-362SR Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CST-332 CHINASEMI-CST-332 Datasheet
198Kb / 6P
   0.36 Inch Triad Digits Display
CST-332V9 CHINASEMI-CST-332V9 Datasheet
191Kb / 6P
   0.36 Inch Triad Digits Display
CST-332A9 CHINASEMI-CST-332A9 Datasheet
197Kb / 6P
   0.36 Inch Triad Digits Display
CST-332G CHINASEMI-CST-332G Datasheet
201Kb / 6P
   0.36 Inch Triad Digits Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com