Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-302G Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-302G
Description  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-302G Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-302G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-302G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
C-302G B/W
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned to
normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-12-07-0068
DATE : 2007-05-23
Page : 6
Fig.3
Fig.2
Release
by
PARALIGHTDCC


Similar Part No. - C-302G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-302G ETC1-C-302G Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-302G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C302SR-NW PARALIGHT-C302SR-NW Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com