Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32932A3334K Datasheet(PDF) 4 Page - EPCOS

Part No. B32932A3334K
Description  Metallized Polyester Film Capacitors (MKT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32932A3334K Datasheet(HTML) 4 Page - EPCOS

  B32932A3334K Datasheet HTML 1Page - EPCOS B32932A3334K Datasheet HTML 2Page - EPCOS B32932A3334K Datasheet HTML 3Page - EPCOS B32932A3334K Datasheet HTML 4Page - EPCOS B32932A3334K Datasheet HTML 5Page - EPCOS B32932A3334K Datasheet HTML 6Page - EPCOS B32932A3334K Datasheet HTML 7Page - EPCOS B32932A3334K Datasheet HTML 8Page - EPCOS B32932A3334K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
X2
safety
appr.
X = approval granted
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, Untaped (standard lead
length 6
1 mm)
15
0.047
5.0
× 10.5 × 18.0 B32932A3473+*** 4680
5200
4000
X
0.068
5.0
× 10.5 × 18.0 B32932A3683+*** 4680
5200
4000
X
0.10
6.0
× 11.0 × 18.0 B32932A3104+*** 3840
4400
4000
X
0.15
7.0
× 12.5 × 18.0 B32932A3154+*** 3320
3600
4000
X
0.22
8.5
× 14.5 × 18.0 B32932A3224+*** 2720
2800
2000
X
0.33
9.0
× 17.5 × 18.0 B32932A3334+*** 2560
2800
2000
X
0.47
11.0
× 18.5 × 18.0 B32932A3474M*** –
2200
1200
X
22.5
0.10
6.0
× 15.0 × 26.5 B32933A3104+*** 2720
2800
2880
X
0.15
6.0
× 15.0 × 26.5 B32933A3154+*** 2720
2800
2880
X
0.22
7.0
× 16.0 × 26.5 B32933A3224+*** 2320
2400
2520
X
0.33
7.0
× 16.0 × 26.5 B32933A3334+*** 2320
2400
2520
X
0.47
8.5
× 16.5 × 26.5 B32933A3474M*** 1920
2000
2040
X
0.47
10.5
× 16.5 × 26.5 B32933B3474+*** 1560
1600
2160
X
0.56
10.5
× 16.5 × 26.5 B32933A3564+*** 1560
1600
2160
X
0.68
10.5
× 18.5 × 26.5 B32933A3684+*** 1560
1600
2160
X
0.82
12.0
× 22.0 × 26.5 B32933A3824+*** –
1800
X
1.0
12.0
× 22.0 × 26.5 B32933A3105M*** –
1800
X
1.0
14.5
× 29.5 × 26.5 B32933B3105+*** –
1040
X
1.5
14.5
× 29.5 × 26.5 B32933A3155+*** –
1040
X
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn