Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32932A3334K Datasheet(PDF) 2 Page - EPCOS

Part No. B32932A3334K
Description  Metallized Polyester Film Capacitors (MKT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32932A3334K Datasheet(HTML) 2 Page - EPCOS

  B32932A3334K Datasheet HTML 1Page - EPCOS B32932A3334K Datasheet HTML 2Page - EPCOS B32932A3334K Datasheet HTML 3Page - EPCOS B32932A3334K Datasheet HTML 4Page - EPCOS B32932A3334K Datasheet HTML 5Page - EPCOS B32932A3334K Datasheet HTML 6Page - EPCOS B32932A3334K Datasheet HTML 7Page - EPCOS B32932A3334K Datasheet HTML 8Page - EPCOS B32932A3334K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
For connection in series with the mains
For severe ambient conditions
Capacitive power supply applications
Energy meters
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1):
40/105/56
Features
High stability of capacitance value
X2 safety approval (up to 2.2
µF)
RoHS-compatible
Construction
Dielectric: metallized polyester
Internal series connection
Plastic case (UL 94 V-0)
Epoxy resin sealing, flame-retardant
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage (IEC),
series number, sub-class (X2),
dielectric code (MKT), climatic category
Delivery mode
Bulk (untaped, lead length 6 - 1 mm)
Taped (Ammo pack or reel)
Approvals
Approval mark Standards
Certificate
EN 60384-14
IEC 60384-14
40028058
UL 60384-14
E97863
CSA E60384-14:09 E97863
Note: X2 safety approval for C
≤ 2.2 µF
Dimensional drawing
Dimensions in mm
Lead
spacing
±0.4
Lead
diameter
d1
±0.05
Type
15
0.8
B32932
22.5
0.8
B32933
27.5
0.8
B32934
37.5
1.0
B32936
Marking examples
Metallized Polyester Film Capacitors (MKT)
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn