Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7021BCPZ
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7021BCPZ Datasheet HTML 13Page - Analog Devices ADF7021BCPZ Datasheet HTML 14Page - Analog Devices ADF7021BCPZ Datasheet HTML 15Page - Analog Devices ADF7021BCPZ Datasheet HTML 16Page - Analog Devices ADF7021BCPZ Datasheet HTML 17Page - Analog Devices ADF7021BCPZ Datasheet HTML 18Page - Analog Devices ADF7021BCPZ Datasheet HTML 19Page - Analog Devices ADF7021BCPZ Datasheet HTML 20Page - Analog Devices ADF7021BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 17 of 64
Pin No.
Mnemonic
Description
29
GND2
Ground for Digital Section.
30
ADCIN
Analog-to-Digital Converter Input. The internal 7-bit ADC can be accessed through this pin. Full scale is 0 V to
1.9 V. Readback is made using the SREAD pin.
31
CREG2
Regulator Voltage for Digital Block. Place a 100 nF capacitor between this pin and ground for regulator
stability and noise rejection.
32
VDD2
Voltage Supply for Digital Block. Place a decoupling capacitor of 10 nF as close as possible to this pin.
33
SWD
Sync Word Detect. The ADF7021 asserts this pin when it has found a match for the sync word sequence
(see the Register 11—Sync Word Detect Register section). This provides an interrupt for an external
microcontroller indicating valid data is being received.
34
TxRxDATA
Transmit Data Input/Received Data Output. This is a digital pin and normal CMOS levels apply. In UART/SPI
mode, this pin provides an output for the received data in receive mode. In transmit UART/SPI mode, this pin
is high impedance (see the Interfacing to Microcontroller/DSP section).
35
TxRxCLK
Outputs the data clock in both receive and transmit modes. This is a digital pin and normal CMOS levels
apply. The positive clock edge is matched to the center of the received data. In transmit mode, this pin
outputs an accurate clock to latch the data from the microcontroller into the transmit section at the exact
required data rate. In UART/SPI mode, this pin is used to input the transmit data in transmit mode. In receive
UART/SPI mode, this pin is high impedance (see the Interfacing to Microcontroller/DSP section).
36
CLKOUT
A divided-down version of the crystal reference with output driver. The digital clock output can be used to drive
several other CMOS inputs such as a microcontroller clock. The output has a 50:50 mark-space ratio and is
inverted with respect to the reference. Place a series 1 kΩ resistor as close as possible to the pin in
applications where the CLKOUT feature is being used.
37
MUXOUT
Provides the DIGITAL_LOCK_DETECT Signal. This signal is used to determine if the PLL is locked to the correct
frequency. It also provides other signals such as REGULATOR_READY, which is an indicator of the status of the
serial interface regulator (see the MUXOUT section for more information).
38
OSC2
Connect the reference crystal between this pin and OSC1. A TCXO reference can be used by driving this pin
with CMOS levels and disabling the internal crystal oscillator.
39
OSC1
Connect the reference crystal between this pin and OSC2. A TCXO reference can be used by driving this pin
with ac-coupled 0.8 V p-p levels and by enabling the internal crystal oscillator.
40
VDD3
Voltage Supply for the Charge Pump and PLL Dividers. Decouple this pin to ground with a 10 nF capacitor.
41
CREG3
Regulator Voltage for Charge Pump and PLL Dividers. Place a 100 nF capacitor between this pin and ground
for regulator stability and noise rejection.
42
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
43
VDD
Voltage Supply for VCO Tank Circuit. Decouple this pin to ground with a 10 nF capacitor.
44, 46
L2, L1
External VCO Inductor Pins. If using an external VCO inductor, connect a chip inductor across these pins to set
the VCO operating frequency. If using the internal VCO inductor, these pins can be left floating. See the
Voltage Controlled Oscillator (VCO) section for more information.
45, 47
GND, GND1
Grounds for VCO Block.
48
CVCO
Place a 22 nF capacitor between this pin and CREG1 to reduce VCO noise.
49
EPAD
Exposed Pad. The exposed pad must be connected to GND.


Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com