Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADF7021BCPZ
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADF7021BCPZ Datasheet HTML 54Page - Analog Devices ADF7021BCPZ Datasheet HTML 55Page - Analog Devices ADF7021BCPZ Datasheet HTML 56Page - Analog Devices ADF7021BCPZ Datasheet HTML 57Page - Analog Devices ADF7021BCPZ Datasheet HTML 58Page - Analog Devices ADF7021BCPZ Datasheet HTML 59Page - Analog Devices ADF7021BCPZ Datasheet HTML 60Page - Analog Devices ADF7021BCPZ Datasheet HTML 61Page - Analog Devices ADF7021BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 58 of 64
REGISTER 11—SYNC WORD DETECT REGISTER
PL2
0
0
1
1
PL1
0
1
0
1
SYNC BYTE
LENGTH
12 BITS
16 BITS
20 BITS
24 BITS
MT2
0
0
1
1
MT1
0
1
0
1
MATCHING
TOLERANCE
ACCEPT 0 ERRORS
ACCEPT 1 ERROR
ACCEPT 2 ERRORS
ACCEPT 3 ERRORS
SYNC_BYTE_SEQUENCE
CONTROL
BITS
Figure 73. Register 11—Sync Word Detect Register Map
REGISTER 12—SWD/THRESHOLD SETUP REGISTER
DATA_PACKET_LENGTH
CONTROL
BITS
LOCK THRESHOLD MODE
0
THRESHOLD FREE RUNNING
1
LOCK THRESHOLD AFTER NEXT SYNCWORD
2
LOCK THRESHOLD AFTER NEXT SYNCWORD
FOR DATA PACKET LENGTH NUMBER OF BYTES
3
LOCK THRESHOLD
DATA PACKET LENGTH
0
INVALID
1
1 BYTE
...
...
255
255 BYTES
SWD MODE
0
SWD PIN LOW
1
SWD PIN HIGH AFTER NEXT SYNCWORD
2
SWD PIN HIGH AFTER NEXT SYNCWORD
FOR DATA PACKET LENGTH NUMBER OF BYTES
3
INTERRUPT PIN HIGH
Figure 74. Register 12—SWD/Threshold Setup Register Map
Lock threshold locks the threshold of the envelope detector. This has the effect of locking the slicer in linear demodulation and locking
the AFC and AGC loops when using linear or correlator demodulation.


Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com