Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADF7021BCPZ
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADF7021BCPZ Datasheet HTML 39Page - Analog Devices ADF7021BCPZ Datasheet HTML 40Page - Analog Devices ADF7021BCPZ Datasheet HTML 41Page - Analog Devices ADF7021BCPZ Datasheet HTML 42Page - Analog Devices ADF7021BCPZ Datasheet HTML 43Page - Analog Devices ADF7021BCPZ Datasheet HTML 44Page - Analog Devices ADF7021BCPZ Datasheet HTML 45Page - Analog Devices ADF7021BCPZ Datasheet HTML 46Page - Analog Devices ADF7021BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 43 of 64
POWER-DOWN
CE LOW
WRITE TO REGISTER 5 (STARTS IF FILTER CALIBRATION)
WAIT 0.2ms (COARSE CAL) OR WAIT 5.2ms
(COARSE CALIBRATION + FINE CALIBRATION)
WRITE TO REGISTER 11 (SET UP SWD)
WRITE TO REGISTER 12 (ENABLE SWD)
WRITE TO REGISTER 6 (SETS UP IF FILTER CALIBRATION)
CE LOW
POWER-DOWN
Rx MODE
WRITE TO REGISTER 3 (TURNS ON Tx/Rx CLOCKS)
WRITE TO REGISTER 4 (TURNS ON DEMOD)
WRITE TO REGISTER 10 (TURNS ON AFC)
OPTIONAL.
WRITE TO REGISTER 0 (TURNS ON PLL)
WAIT 40µs (TYPICAL PLL SETTLING)
CE HIGH
WAIT 10µs (REGULATOR POWER-UP)
WRITE TO REGISTER 1 (TURNS ON VCO)
WAIT 0.7ms (TYPICAL VCO SETTLING)
CE HIGH
WAIT 10µs + 1ms
(REGULATOR POWER-UP + TYPICAL XTAL SETTLING)
XTAL
REFERENCE
TCXO
REFERENCE
OPTIONAL:
ONLY NECESSARY IF
AFC IS REQUIRED.
OPTIONAL:
ONLY NECESSARY IF
SWD IS REQUIRED.
OPTIONAL:
ONLY NECESSARY IF
IF FILTER FINE CAL IS REQUIRED.
Figure 55. Power-Up Sequence for Receive Mode


Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com