Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8194 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8194
Description  Buffered 2:1 TMDS Switch with Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8194 Datasheet(HTML) 4 Page - Analog Devices

  AD8194 Datasheet HTML 1Page - Analog Devices AD8194 Datasheet HTML 2Page - Analog Devices AD8194 Datasheet HTML 3Page - Analog Devices AD8194 Datasheet HTML 4Page - Analog Devices AD8194 Datasheet HTML 5Page - Analog Devices AD8194 Datasheet HTML 6Page - Analog Devices AD8194 Datasheet HTML 7Page - Analog Devices AD8194 Datasheet HTML 8Page - Analog Devices AD8194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8194
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVCC to AVEE
3.7 V
VTTI
AVCC + 0.6 V
VTTO
AVCC + 0.6 V
Internal Power Dissipation
1.2 W
High Speed Input Voltage
AVCC − 1.4 V < VIN < AVCC + 0.6 V
High Speed Differential
Input Voltage
2.0 V
Source Select (S_SEL)
AVEE − 0.3 V < VIN < AVCC + 0.6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature
Range
−40°C to +85°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions: a device soldered
in a 4-layer JEDEC circuit board for surface-mount packages.
θ
JC
is specified for the exposed pad soldered to the circuit board
with no airflow.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
32-Lead LFCSP
47
6.8
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8194 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure. To ensure proper operation,
it is necessary to observe the maximum power derating as
determined by the coefficients in Table 3.
ESD CAUTION


Similar Part No. - AD8194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8194 AD-AD8194 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194-EVALZ AD-AD8194-EVALZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ AD-AD8194ACPZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ-R7 AD-AD8194ACPZ-R7 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
More results

Similar Description - AD8194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com