Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2300EB Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # S2300EB
Description  SIDACtor Protection Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S2300EB Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  S2300EB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S2300EB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S2300EB Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S2300EB Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S2300EB Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S2300EB Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
continued
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
S2300EB
S2300EB
190
260
150
800
2.2
4
50
S2600EB
S2600EB
220
300
150
800
2.2
4
45
S3100EB
S3100EB
275
350
150
800
2.2
4
45
S3500EB
S3500EB
320
400
150
800
2.2
4
40
S0080EC
S0080EC
6
25
50
800
2.2
4
70
S0300EC
S0300EC
25
40
50
800
2.2
4
65
S0640EC
S0640EC
58
77
150
800
2.2
4
55
S0720EC
S0720EC
65
88
150
800
2.2
4
60
S0900EC
S0900EC
75
98
150
800
2.2
4
65
S1100EC
S1100EC
90
130
150
800
2.2
4
55
S1300EC
S1300EC
120
160
150
800
2.2
4
60
S1500EC
S1500EC
140
180
150
800
2.2
4
50
S1800EC
S1800EC
170
220
150
800
2.2
4
55
S2100EC
S2100EC
180
240
150
800
2.2
4
85
S2300EC
S2300EC
190
260
150
800
2.2
4
65
S2600EC
S2600EC
220
300
150
800
2.2
4
65
S3100EC
S3100EC
275
350
150
800
2.2
4
55
S3500EC
S3500EC
320
400
150
800
2.2
4
50
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
-Off-state capacitance(Co) is typical value.
*For surge ratings,see next page.
3
Revised:February 25,2014
www.huaandz.com


Similar Part No. - S2300EB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
S2300-HZX050163 MOLEX11-S2300-HZX050163 Datasheet
902Kb / 3P
   Hazardous Location Stanchion Light, Quartz Halogen,16-3 Cord with 15A Plug
More results

Similar Description - S2300EB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com