Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S09B Datasheet(PDF) 5 Page - HuaXinAn Electronics CO.,LTD

Part # S09B
Description  SIDACtor Protection Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S09B Datasheet(HTML) 5 Page - HuaXinAn Electronics CO.,LTD

  S09B Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD S09B Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Dimensions - DO-214AA
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.134
0.155
3.40
3.94
B
0.205
0.22
5.21
5.59
C
0.075
0.083
1.90
2.11
D
0.166
0.185
4.22
4.70
E
0.036
0.056
0.91
1.42
F
0.073
0.087
1.85
2.2
G
0.002
0.008
0.05
0.20
H
0.077
0.094
1.95
2.40
J
0.043
0.053
1.09
1.35
K
0.008
0.014
0.20
0.35
L
0.039
0.049
0.99
1.24
5
Revised:February 25,2014
www.huaandz.com


Similar Part No. - S09B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S09B-PASK-2 ETC2-S09B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
S09B-XASK-1 ETC2-S09B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
S09B-XASS-1N-BN ETC2-S09B-XASS-1N-BN Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
S09B-ZESK-2D ETC1-S09B-ZESK-2D Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S09B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com