Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # SMB
Description  Surge Absorbers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMB Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SMB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ShenZhen Huaan Electronic Co.,Ltd
SMB
Series
5 Marking of colour code:
Fast Delivery Time
NO
SMB Series Photo
6 Part Number Description:
SMB
501
M
DC Spark-Over Voltage Accuracy ±20
DC Spark-Over Voltage 500V
Dimension:Diameterφ2.6
Length 5.0mm
7 Packing Quantity (1500PCS)
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
2
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - SMB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMB MICROSEMI-SMB Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
logo
Galaxy Semi-Conductor H...
SMB BILIN-SMB Datasheet
117Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Diodes Incorporated
SMB DIODES-SMB Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Leshan Radio Company
SMB LRC-SMB Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
More results

Similar Description - SMB

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com