Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAQY216 Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part No. KAQY216
Description  4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY216 Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button KAQY216 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY216 Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00006.1
- 10 -
http://www.cosmo-ic.com
cosmo
KAQY216 Series
4PIN 600V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 4-pin SMD Carrier Tape & Reel
4.00
2.00
8.00
1.5±0.5
2±0.2
+2.0
16.4-0
4.20
0.33
TLD
TRU
Direction of feed from reel
Direction of feed from reel
Unit
mm
TOLERANCE
±0.2mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn