Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU-4-1040 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU-4-1040
Description  1 to 5 Taps (14 pins DIP) Interfaced
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU-4-1040 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU-4-1040 Datasheet HTML 1Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DDU-4-1040

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DDU-50PF-F0 JAE-DDU-50PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
logo
Data Delay Devices, Inc...
DDU-5J-10050 DATADELAY-DDU-5J-10050 Datasheet
23Kb / 1P
   10 Taps (32pins DIP) T2lL Interfaced
DDU-5J-10100 DATADELAY-DDU-5J-10100 Datasheet
23Kb / 1P
   10 Taps (32pins DIP) T2lL Interfaced
DDU-5J-101000 DATADELAY-DDU-5J-101000 Datasheet
23Kb / 1P
   10 Taps (32pins DIP) T2lL Interfaced
DDU-5J-10150 DATADELAY-DDU-5J-10150 Datasheet
23Kb / 1P
   10 Taps (32pins DIP) T2lL Interfaced
More results

Similar Description - DDU-4-1040

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU-7J DATADELAY-DDU-7J Datasheet
50Kb / 1P
   10 Taps (14 Pins DIP) interfaced
logo
List of Unclassifed Man...
DDU7-100 ETC1-DDU7-100 Datasheet
93Kb / 1P
   10 Taps (14 pins DIP) T2L Interfaced
DDU-7 ETC1-DDU-7 Datasheet
97Kb / 1P
   10 TAPS (14 PINS DIP) T2L INTERFACED
logo
Data Delay Devices, Inc...
MAE-86 DATADELAY-MAE-86 Datasheet
48Kb / 1P
   14 pins DIP TTL interfaced
DDU5J DATADELAY-DDU5J Datasheet
23Kb / 1P
   10 Taps (32pins DIP) T2lL Interfaced
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
   SOWIC-to-DIP Adapter - 14/28 Pins
18007 ARIES-18007 Datasheet
502Kb / 1P
   Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
   UM-1, UM-5 DIP TYPE
logo
Unisonic Technologies
UL319B UTC-UL319B Datasheet
215Kb / 7P
   SERIAL-INTERFACED 14-DIGIT LED CONTROLLER IC
logo
Omron Electronics LLC
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com