Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT-64-04W Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT-64-04W
Description  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT-64-04W Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT-64-04W Datasheet HTML 1Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 2Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 3Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 4Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 5Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 6Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 7Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 8Page - Infineon Technologies AG BAT-64-04W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2014-02-11
4
BAT64...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0
EHB00059
BAT 64...
C
V
R
T
10
20
V
30
1
2
3
4
5
6
7
8
pF
10
Reverse current IR = ƒ(VR)
TA = Parameter
10
10
10
010
20
30
BAT 64...
EHB00058
V
R
Ι
R
V
10
µ A
10
10
A
T = 125
85
25
2
1
0
-1
-2
-3
C
C
C
Forward current IF = ƒ (VF)
TA = Parameter
10
10
10
0
0.5
1
BAT 64...
EHB00057
V
F
Ι
F
V
10
10
2
1
0
-1
-2
mA
A
T = -40
25
85
125
C
C
C
C
Forward current IF = ƒ (TS)
BAT64
0
15
30
45
60
75
90 105 120 C° 150
TS
0
50
100
150
200
mA
300


Similar Part No. - BAT-64-04W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results

Similar Description - BAT-64-04W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com