Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-4001Y Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-4001Y
Description  4.0 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-4001Y Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-4001Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001Y Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
4.0
INCH
SINGLE
DIGIT
DISPLAY
A-4001Y
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned
to normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-11-09-0088
DATE : 2009-04-03
Page : 7
Fig.3
Fig.2
Release
by
PARALIGHTDCC


Similar Part No. - A-4001Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4001Y ETC-A-4001Y Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-4001Y

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4012D CHINASEMI-CSS-4012D Datasheet
194Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012E CHINASEMI-CSS-4012E Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012G CHINASEMI-CSS-4012G Datasheet
197Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012M9 CHINASEMI-CSS-4012M9 Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012S CHINASEMI-CSS-4012S Datasheet
195Kb / 6P
   4.0 Inch Single Digit Display
CSS-4018SG CHINASEMI-CSS-4018SG Datasheet
225Kb / 7P
   4.0 Inch Single Digit Display
CSS-4018EG CHINASEMI-CSS-4018EG Datasheet
224Kb / 7P
   4.0 Inch Single Digit Display
CSS-4012V9 CHINASEMI-CSS-4012V9 Datasheet
190Kb / 6P
   4.0 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com